Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2871 Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # MIC2871
Description  1.2A High-Brightness LED Flash Driver with Single-Wire Serial Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2871 Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button MIC2871 Datasheet HTML 16Page - Micrel Semiconductor MIC2871 Datasheet HTML 17Page - Micrel Semiconductor MIC2871 Datasheet HTML 18Page - Micrel Semiconductor MIC2871 Datasheet HTML 19Page - Micrel Semiconductor MIC2871 Datasheet HTML 20Page - Micrel Semiconductor MIC2871 Datasheet HTML 21Page - Micrel Semiconductor MIC2871 Datasheet HTML 22Page - Micrel Semiconductor MIC2871 Datasheet HTML 23Page - Micrel Semiconductor MIC2871 Datasheet HTML 24Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Micrel, Inc.
MIC2871
May 29, 2013
21
052913-1.0 (while in progress)
Revision 1.0 (final document)
Typical Application Schematic
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1
GRM188R61A225KE34D
Murata
(7)
2.2µF, 10V, 10%, X5R, 0603 Capacitor
1
C4
LMK107BJ475KA-T
Taiyo Yuden
(8)
4.7µF, 10V, 10%, X5R, 0603 Capacitor
1
L1
PIFE25201B-1R0MS-39
Cyntec
(9)
1.0µH, 3.55A, 2.5mm × 2.0mm × 1.2mm Inductor
1
LED1
SLSW6R007
Samsung
(10)
4mm × 4mm × 2.2mm High-Power Flash LED
1
LXCL-MN06-3002
Philips
(11)
LUXEON Flash 6 Module, 4mm × 4mm × 2.2mm,
180lux @ ILED = 1A LED
R4
ERA3AEB2052V
Panasonic
(12)
20.5k
Ω, 1/10W, 0.1%, 0603 Resistor
1
U1
MIC2871YMK
Micrel, Inc.
(13)
1.2A High-Brightness LED Flash Driver with Single-Wire Serial
Interface
1
Notes:
7.
Murata: www.murata.com.
8.
Taiyo Yuden: www.t-yuden.com.
9.
Cyntec: www.cyntec.com.
10. Samsung: www.samsung.com.
11. Philips: www.philipslumileds.com.
12. Panasonic: www.panasonic.com.
13. Micrel, Inc.: www.micrel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com