Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMP100 Datasheet(PDF) 1 Page - YAGEO Corporation

Part # FMP100
Description  High Power Flame-Proof type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

FMP100 Datasheet(HTML) 1 Page - YAGEO Corporation

  FMP100 Datasheet HTML 1Page - YAGEO Corporation FMP100 Datasheet HTML 2Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Through-hole resisTors
DiMeNsioNs
Unit: mm
sTYle
DiMeNsioN
ultra Miniature
l
øD
h
ød
FMP-50
3.4±0.3
1.9±0.2
28±2.0
0.45±0.05
FMP100
6.3±0.5
2.4±0.2
28±2.0
0.55±0.05
FMP200
9.0±0.5
3.9±0.3
26±2.0
0.55±0.05
FMP3WS
11.5±1.0
4.5±0.5
35±2.0
0.8±0.05
FMP300
15.5±1.0
5.0±0.5
33±2.0
0.8±0.05
FMP4WV
17.0±1.0
7.5±0.5
32±2.0
0.8±0.05
FeATures
Power Rating
1/2W, 1W, 2W, 3W,4W
Resistance Tolerance
±1%, ±5%
T.C.R.
±100ppm/°C
Flameproof Multi-layer Coating Meets
UL-94V-0
Flameproof Feature Meets Overload Test
UL-1412
DerATiNg CurVe
For resistors operated in ambient temperatures above 70°C, power rating must be derated
in accordance with the curve below.
Metal Film Resistors
High Power &
Flame-Proof Type
Ultra Miniature Style [ FMP Series ]
iNTroDuCTioN
The FMP Series Metal Film High Power
Resistors are manufactured using a vacuum
sputtering system to deposit multiple layers of
mixed metal alloys and passivative materials
onto a carefully treated high grade ceramic
substrate. After a helical groove has been cut
in the resistive layer, tinned connecting leads of
electrolytic copper are welded to the end-caps.
The resistors are coated with layers of pink
color lacquer.
ød
H
L
øD
Rated Load (%)
Ambient Temperature (°C)
160
140
120
100
80
60
40
100
80
60
40
20
20
70
155 °C


Similar Part No. - FMP100

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
FMP100 YAGEO-FMP100 Datasheet
1Mb / 16P
METAL FILM RESISTORS
Oct. 25, 2021 V.0
FMP100FBE-26 YAGEO-FMP100FBE-26 Datasheet
1Mb / 16P
METAL FILM RESISTORS
Oct. 25, 2021 V.0
FMP100FBE-52 YAGEO-FMP100FBE-52 Datasheet
1Mb / 16P
METAL FILM RESISTORS
Oct. 25, 2021 V.0
FMP100FBE-52E YAGEO-FMP100FBE-52E Datasheet
1Mb / 16P
METAL FILM RESISTORS
Oct. 25, 2021 V.0
FMP100FBE-52J YAGEO-FMP100FBE-52J Datasheet
1Mb / 16P
METAL FILM RESISTORS
Oct. 25, 2021 V.0
More results

Similar Description - FMP100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RSF ETC1-RSF Datasheet
46Kb / 2P
FLAME-PROOF TYPE
logo
MERITEK ELECTRONICS COR...
FRN MERITEK-FRN Datasheet
110Kb / 1P
Flame-Proof Fusible Resistors
logo
Tyco Electronics
1773271 MACOM-1773271 Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
logo
Dubilier
DHVR25J100KT DUBILIER-DHVR25J100KT Datasheet
404Kb / 2P
Resistors High Voltage Flame Proof Resistors
logo
Tyco Electronics
ROX3SJ82R MACOM-ROX3SJ82R Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
logo
YAGEO Corporation
FKN2WSJT73-0R5 YAGEO-FKN2WSJT73-0R5 Datasheet
296Kb / 2P
Flame-Proof Type Normal & Miniature Style [ FKN Series ]
logo
Tyco Electronics
FRN25J100R MACOM-FRN25J100R Datasheet
99Kb / 3P
Flame-Proof Fusible Resistors
ROX2SJ1R2 MACOM-ROX2SJ1R2 Datasheet
122Kb / 2P
Flame-Proof Power Metal Oxide Film Resistors
logo
Dubilier
DFR DUBILIER-DFR Datasheet
718Kb / 5P
Power Flame Proof Resistors
DHVR DUBILIER-DHVR Datasheet
404Kb / 2P
High Voltage Flame Proof Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com