Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMP100 Datasheet(PDF) 2 Page - YAGEO Corporation

Part # FMP100
Description  High Power Flame-Proof type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

FMP100 Datasheet(HTML) 2 Page - YAGEO Corporation

  FMP100 Datasheet HTML 1Page - YAGEO Corporation FMP100 Datasheet HTML 2Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Note: RCWV(Rated Continuous Working Voltage) = Power Rating x Resistance Value or Max. working voltage listed above, whichever less.
Revision: 201304
Note:
15
High Power &
Flame-Proof Type
Ultra Miniature Style [ FMP Series ]
eleCTriCAl ChArACTerisTiCs
sTYle
FMP-50
FMP100
FMP200
FMP3Ws
FMP300
FMP4WV
Power Rating at 70°C
1/2W
1W
2W
3W
4W
Maximum Working Voltage
200V
350V
500V
750V
Maximum Overload Voltage
400V
600V
700V
1,000V
Voltage Proof on Insulation
300V
500V
Resistance Range
1Ω - 10MΩ & 0Ω for E24 & E96 series value
Operating Temp. Range
-55°C to +155°C
Temperature Coefficient
±100ppm/°C
Note: Special value is available on request
eNViroNMeNTAl ChArACTerisTiCs
PerForMANCe TesT
TesT MeThoD
APPrAise
Short Time Overload
IEC 60115-1 4.13
2.5 times RCWV for 5 Sec.
±0.5%+0.05Ω
Voltage Proof on Insulation
IEC 60115-1 4.7
in V-block for 60 Sec., test voltage by type
By type
Temperature Coefficient
IEC 60115-1 4.8
-55°C to +155°C
By type
Insulation Resistance
IEC 60115-1 4.6
in V-block for 60 Sec.
>1,000MΩ
Solderability
IEC 60115-1 4.17
235±5°C for 3±0.5 Sec.
95% Min. coverage
Solvent Resistance of Marking
IEC 60115-1 4.30
IPA for 5±0.5 Min. with ultrasonic
No deterioration of
coatings and markings
Robustness of Terminations
IEC 60115-1 4.16
Direct load for 10 Sec. in the direction of the terminal leads
≥2.5kg (24.5N)
Periodic-pulse Overload
IEC 60115-1 4.39
4 times RCWV 10,000 cycles (1 Sec. on, 25 Sec. off)
±1.0%+0.05Ω
Damp Heat Steady State
IEC 60115-1 4.24
40±2°C, 90-95% RH for 56 days, loaded with 0.1 times RCWV
±2.0%+0.05Ω
Endurance at 70°C
IEC 60115-1 4.25
70±2°C at RCWV for 1,000 Hr. (1.5 Hr. on, 0.5 Hr. off)
±2.0%+0.05Ω
Temperature Cycling
IEC 60115-1 4.19
-55°C
 RoomTemp.  +155°C  RoomTemp. (5 cycles)
±1.0%+0.05Ω
Resistance to Soldering Heat
IEC 60115-1 4.18
260±3°C for 10±1 Sec., immersed to a point 3±0.5mm from the body
±0.25%+0.05Ω
Accidental Overload Test
IEC 60115-1 4.26
4 times RCWV for 1 Min.
No evidence of flaming
or arcing



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com