Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPG20C400PC Datasheet(PDF) 1 Page - IXYS Corporation

Part # DPG20C400PC
Description  HiPerFRED짼
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DPG20C400PC Datasheet(HTML) 1 Page - IXYS Corporation

  DPG20C400PC Datasheet HTML 1Page - IXYS Corporation DPG20C400PC Datasheet HTML 2Page - IXYS Corporation DPG20C400PC Datasheet HTML 3Page - IXYS Corporation DPG20C400PC Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DPG 20 C 400 PB
ns
HiPerFRED²
Symbol
Definition
R a t i n g s
Features / Advantages:
typ.
max.
I
FSM
I
R
A
V
150
I
A
V
F
1.32
R
2.30 K/W
V
R =
2
1
3
min.
10
t = 10 ms
Applications:
VRRM
V
400
1
T
VJ
V°C
=
T
VJ
°C
=mA
0.15
Package:
Part number
V
R =
T
VJ =°C
I
F
=A
V
TC = 145°C
d =
P
tot
65
W
TC
°C
=
T
VJ
175
°C
-55
V
I
RRM =
=
400
10
10
T
VJ =
45°C
DPG 20 C 400 PB
V
A
400
V
400
25
25
25
max. repetitive reverse voltage
reverse current
forward voltage
virtual junction temperature
total power dissipation
max. forward surge current
Conditions
Unit
1.51
TVJ
°C
=25
C
J
junction capacitance
V =
V;
T
150
V
F0
V
0.77
T
VJ = 175 °C
rF
19.8
f = 1 MHz
=
°C
25
mΩ
V
1.03
TVJ =°C
IF =A
V
10
1.24
I
F
=A
20
IF =A
20
2x
threshold voltage
slope resistance
for power loss calculation only
Backside: cathode
4A
T
VJ =°C
reverse recovery time
A
6
45
65
ns
(50 Hz), sine
t
rr
=
45 ns
● Housing:
High Performance Fast Recovery Diode
Low Loss and Soft Recovery
Common Cathode
TO-220
●rIndustry standard outline
●rEpoxy meets UL 94V-0
●rRoHS compliant
R
VJ
I
RM
max. reverse recovery current
IF =A;
10
25
T= 125°C
VJ
-diF
=A/µs
200
/dt
t
rr
VR =V
270
TVJ =°C
25
T= 125°C
VJ
µA
12
200
pF
thermal resistance junction to case
thJC
rectangular
0.5
● Planar passivated chips
● Very low leakage current
● Very short recovery time
● Improved thermal behaviour
● Very low Irm-values
● Very soft recovery behaviour
● Avalanche voltage rated for reliable operation
● Soft reverse recovery for low EMI/RFI
● Low Irm reduces:
- Power dissipation within the diode
- Turn-on loss in the commutating switch
● Antiparallel diode for high frequency
switching devices
● Antisaturation diode
● Snubber diode
● Free wheeling diode
● Rectifiers in switch mode power
supplies (SMPS)
● Uninterruptible power supplies (UPS)
FAV
average forward current
FAV
150
IXYS reserves the right to change limits, conditions and dimensions.
©
20100125a
Data according to IEC 60747and per diode unless otherwise specified
2010 IXYS all rights reserved


Similar Part No. - DPG20C400PC

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DPG20C400PC ISC-DPG20C400PC Datasheet
326Kb / 2P
Fast Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com