Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPG20C400PC Datasheet(PDF) 4 Page - IXYS Corporation

Part # DPG20C400PC
Description  HiPerFRED짼
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DPG20C400PC Datasheet(HTML) 4 Page - IXYS Corporation

  DPG20C400PC Datasheet HTML 1Page - IXYS Corporation DPG20C400PC Datasheet HTML 2Page - IXYS Corporation DPG20C400PC Datasheet HTML 3Page - IXYS Corporation DPG20C400PC Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DPG 20 C 400 PB
0
100
200
300
400
500
0
20
40
60
80
100
0
40
80
120
160
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
K
f
T
VJ [°C]
0
100
200
300
400
500
0
2
4
6
8
10
12
14
0
50
100
150
200
250
300
350
V
FR
[V]
0
100
200
300
400
500
0
2
4
6
8
10
12
0
100
200
300
400
500
0.0
0.1
0.2
0.3
0.4
0.0
0.4
0.8
1.2
1.6
2.0
0
5
10
15
20
25
30
I
RM
[A]
Q
rr
[µC]
I
F
[A]
V
F [V]
-di
F/dt [A/µs]
t
rr
[ns]
V
FR
t
fr
I
RM
Q
rr
-di
F/dt [A/µs]
-di
F /dt [A/µs]
5A
10 A
-di
F /dt [A/µs]
t
fr
[ns]
1
10
100
1000
10000
0
1
2
3
t [ms]
Z
thJC
[K/W]
0
100
200
300
400
500
0
5
10
15
20
25
E
rec
[µJ]
-di
F/dt [A/µs]
Fig. 1 Forward current I
F versus
forward voltage drop V
F
Fig. 2 Typ. reverse recovery charge
Q
rr versus -diF /dt
Fig. 3 Typ. reverse recovery current
I
RM versus -diF /dt
Fig. 4 Dynamic parameters
Q
rr, IRM versus TVJ
Fig. 5 Typ. reverse recovery time
t
rr versus -diF /dt
Fig. 6 Typ. forward recovery voltage
V
FR and tfr versus diF /dt
Fig. 7 Typ. recovery energy
E
rec versus -diF /dt
Fig. 8 Transient thermal resistance junction to case
I
F =20A
20 A
10 A
5 A
20 A
10 A
5A
I
F
=5 A
10 A
20 A
T
VJ =25°C
125°C
T
VJ
= 125°C
V
R = 270 V
T
VJ =125°C
V
R = 270 V
T
VJ
=125°C
V
R =270 V
T
VJ
=125°C
V
R =270 V
T
VJ =125°C
I
F = 10 A
V
R =270 V
IXYS reserves the right to change limits, conditions and dimensions.
©
20100125a
Data according to IEC 60747and per diode unless otherwise specified
2010 IXYS all rights reserved



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com