Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCM03-3003 Datasheet(PDF) 13 Page - C&K Components

Part # CCM03-3003
Description  CCM03 MK II
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

CCM03-3003 Datasheet(HTML) 13 Page - C&K Components

Back Button CCM03-3003 Datasheet HTML 8Page - C&K Components CCM03-3003 Datasheet HTML 9Page - C&K Components CCM03-3003 Datasheet HTML 10Page - C&K Components CCM03-3003 Datasheet HTML 11Page - C&K Components CCM03-3003 Datasheet HTML 12Page - C&K Components CCM03-3003 Datasheet HTML 13Page - C&K Components CCM03-3003 Datasheet HTML 14Page - C&K Components CCM03-3003 Datasheet HTML 15Page - C&K Components CCM03-3003 Datasheet HTML 16Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Dimensions are shown in mm
Dimensions subject to change
www.ittcannon.com/ccm
39
Dimensional Drawings
PCB Layout
Unless otherwise stated, tolerances are ± 0.10 mm
Hinged Cover CCM03-3517 (6 contacts)
CCM03-3517
Note: Coplanarity of soldering surfaces: ± 0.05 mm
CCM03 MK II with Auto Lock cover
OPEN
1136 ITT - CCM Catalog
11/20/00
12:28 PM
Page 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com