Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCM03-3003 Datasheet(PDF) 2 Page - C&K Components

Part # CCM03-3003
Description  CCM03 MK II
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

CCM03-3003 Datasheet(HTML) 2 Page - C&K Components

  CCM03-3003 Datasheet HTML 1Page - C&K Components CCM03-3003 Datasheet HTML 2Page - C&K Components CCM03-3003 Datasheet HTML 3Page - C&K Components CCM03-3003 Datasheet HTML 4Page - C&K Components CCM03-3003 Datasheet HTML 5Page - C&K Components CCM03-3003 Datasheet HTML 6Page - C&K Components CCM03-3003 Datasheet HTML 7Page - C&K Components CCM03-3003 Datasheet HTML 8Page - C&K Components CCM03-3003 Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Dimensions are shown in mm
Dimensions subject to change
www.ittcannon.com/ccm
28
Packaging
CCM03 are packaged in accordance with EIA 481-3.
Standard packaging is on tape and reel.
A modification code is added to the part number that indicates reel packaging and the
number of components per reel. There are 5 reels per box.
*Note: Terminal width = 1 mm - Length = 1.5 mm. (For double reflow).
**Note: On request - Depending on quantities.
Part Number
N° of
Cover
PCB Locating
Stand off
Quantity
Metal
Switch
Card Presence
Contacts
Pegs (mm)
(mm)
per reel
lock
lock
switch
CCM03-3001 R102
6
Hinged
No
0.00
1000
Flat
No
No
CCM03-3002 R102
6
Hinged
Yes
0.00
1000
Flat
No
No
CCM03-3003 R102
8
Hinged
No
0.00
1000
Flat
No
No
CCM03-3004 R102
8
Hinged
Yes
0.00
1000
Flat
No
No
CCM03-3005 R701**
6
Hinged
No
1.90
700
Bump
No
No
CCM03-3006 R701**
6
Hinged
Yes
1.90
700
Bump
No
No
CCM03-3007 R701**
8
Hinged
No
1.90
700
Bump
No
No
CCM03-3008 R701**
8
Hinged
Yes
1.90
700
Bump
No
No
CCM03-3009 R102
6
Hinged
No
0.00
1000
Bump
No
No
CCM03-3013 R102
6
Hinged
No
0.00
1000
Bump
No
Yes
CCM03-3504 R122
8
Fixed
No
0.00
1200
No
No
No
CCM03-3505 R122
6
Fixed
No
0.00
1200
No
No
No
CCM03-3512 R102*
6
Hinged
No
0.00
1000
Bump
No
No
CCM03-3514 R102
6
Hinged
No
0.00
1000
Bump
Yes
No
CCM03 MK II
Ordering code
Reel Diameter
Reel Width
X
Y
Z
360 mm
24.4 mm
344 mm
350 mm
152 mm
1136 ITT - CCM Catalog
11/20/00
12:28 PM
Page 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com