Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC9909 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC9909
Description  High Effciency,Off-line, High Brightness LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC9909 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC9909 Datasheet HTML 1Page - IXYS Corporation CPC9909 Datasheet HTML 2Page - IXYS Corporation CPC9909 Datasheet HTML 3Page - IXYS Corporation CPC9909 Datasheet HTML 4Page - IXYS Corporation CPC9909 Datasheet HTML 5Page - IXYS Corporation CPC9909 Datasheet HTML 6Page - IXYS Corporation CPC9909 Datasheet HTML 7Page - IXYS Corporation CPC9909 Datasheet HTML 8Page - IXYS Corporation CPC9909 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
INTEGRATED CIRCUITS DIVISION
CPC9909
R03
www.ixysic.com
3
1. Specifications
1.1 Package Pinout
1.2 Pin Description
V
IN
CS
GND
GATE
R
T
LD
V
DD
PWMD
1
2
3
4
8
7
6
5
Pin#
Name
Description
1
VIN
Input voltage
2CS
LED Current Sense input. Internal current
sense threshold is set at VCS(high). The
external sense resistor sets the maximum LED
current.
3
GND
Device Ground
4
GATE
External MOSFET gate driver output
5PWMD
Low-frequency PWM dimming control input with
internal pull-down resistor.
6
VDD
Regulated supply voltage output. Requires a
storage capacitor to GND. Can be overdriven by
external voltage applied to VDD .
7LD
Linear Dimming. Apply a voltage less than
VCS(high) to dim the LED(s).
8
RT
Resistor to GND sets the minimum off-time.
EP
-
Electrical and thermal conductive pad on the
bottom of CPC9909NE. Connect this pad to
ground and provide sufficient thermal coupling
to remove heat from the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com