Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC9909 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC9909
Description  High Effciency,Off-line, High Brightness LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC9909 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC9909 Datasheet HTML 1Page - IXYS Corporation CPC9909 Datasheet HTML 2Page - IXYS Corporation CPC9909 Datasheet HTML 3Page - IXYS Corporation CPC9909 Datasheet HTML 4Page - IXYS Corporation CPC9909 Datasheet HTML 5Page - IXYS Corporation CPC9909 Datasheet HTML 6Page - IXYS Corporation CPC9909 Datasheet HTML 7Page - IXYS Corporation CPC9909 Datasheet HTML 8Page - IXYS Corporation CPC9909 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC9909-R03
www.ixysic.com
1
CPC9909
High Efficiency, Off-Line,
High Brightness LED Driver
e3
Pb
Features
8V
DC to 550VDC Input Voltage Range
>90% Efficiency
Stable Operation at >50% Duty Cycle
Drives Multiple LEDs in Series/Parallel
Regulated LED Current
Linear or PWM Brightness Control Inputs
Resistor-Programmable Minimum Off-Time
SOIC-8 RoHS Compliant Package
Buck or Boost Configuration
Applications
Flat-Panel Display RGB Backlighting
Signage and Decorative LED Lighting
DC/DC or AC/DC LED Driver Applications
Description
The CPC9909 is a low cost, high-efficiency, offline,
high-brightness (HB) LED driver manufactured using
IXYS Integrated Circuits Division’s high voltage
BCDMOS on SOI process. This driver has an internal
regulator that allows it to operate from 8VDC to
550VDC . This wide input operating voltage range
enables the driver to be used in a broad range of HB
LED applications.
The CPC9909 features pulse frequency modulation
(PFM) with a constant peak-current control scheme.
This regulation scheme is inherently stable, allowing
the driver to be operated above 50% duty cycle
without open loop instability or sub-harmonic
oscillations. LED dimming can be implemented by
applying a small DC voltage to the LD pin, or by
applying a low frequency PWM signal to the PWMD
pin.
The CPC9909 is available in a standard 8-lead SOIC
package and a thermally enhanced 8-lead SOIC
package with an exposed thermal pad (EP).
Ordering Information
CPC9909 Block Diagram
Part
Description
CPC9909N
SOIC-8 (100/Tube)
CPC9909NTR
SOIC-8 Tape & Reel (2000/Reel)
CPC9909NE
SOIC-8 EP (Exposed Pad) (100/Tube)
CPC9909NETR
SOIC-8 EP (Exposed Pad)Tape & Reel
(2000/Reel)
Voltage
Regulator
Voltage
Reference
Q
TRIG
Minimum Off-Time
One Shot
S
R
Q
-
+
-
+
V
DD
V
IN
LD
PWMD
GND
CS
GATE
RT
R
T


Similar Part No. - CPC9909

ManufacturerPart #DatasheetDescription
logo
IDEM Safety Switches
CPC IDEM-SAFETY-CPC Datasheet
1Mb / 2P
Non Contact Coded Safety Switches Operating Instructions
Feb 2020
logo
Coherent Corp
CPC-1040 COHERENT-CPC-1040 Datasheet
401Kb / 3P
Compact Pulse Compressor Accessory
logo
Premier Farnell Limited...
CPC-30026 DURATOOL-CPC-30026 Datasheet
147Kb / 1P
Plastic Cabinet Storage, 26 Drawer
09/08/12 V1.0
logo
Source Photonics, Inc.
CPC-44-MR-LR-CLFA SOURCE-CPC-44-MR-LR-CLFA Datasheet
381Kb / 6P
Support 40GBASE-LR4 application
logo
Coherent Corp
CPC-II COHERENT-CPC-II Datasheet
457Kb / 3P
Compact Pulse Compressor for Vitara
More results

Similar Description - CPC9909

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6903 PTC-PT6903 Datasheet
233Kb / 4P
High Brightness LED Driver
PT6905 PTC-PT6905 Datasheet
358Kb / 4P
High Brightness LED Driver
logo
Clare, Inc.
MXHV9910 CLARE-MXHV9910 Datasheet
604Kb / 11P
Off-Line, High Brightness LED Driver
logo
Princeton Technology Co...
PT6903 PTC-PT6903_10 Datasheet
233Kb / 4P
High Brightness LED Driver
logo
Gamma Microelectronics ...
GM9910B GAMMA-GM9910B Datasheet
192Kb / 8P
UNIVERAL HIGH BRIGHTNESS LED DRIVER
logo
Monolithic Power System...
MP4651 MPS-MP4651 Datasheet
277Kb / 12P
Off Line LED Driver
MP4652 MPS-MP4652 Datasheet
579Kb / 19P
HIGH PERFORMANCE OFF-LINE TV LED DRIVER
logo
Bruckewell Technology L...
BW9910 BWTECH-BW9910 Datasheet
1Mb / 14P
High Brightness LED Driver
logo
List of Unclassifed Man...
HV9910DB2 ETC2-HV9910DB2 Datasheet
815Kb / 4P
Off-Line, High Brightness, SED Driver Demo Board
logo
IXYS Corporation
MXHV9910 IXYS-MXHV9910 Datasheet
348Kb / 12P
Off-Line, High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com