Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTA4N80P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTA4N80P
Description  PolarHV Power MOSFET N-Channel Enhancement Mode Avalanche Rated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTA4N80P Datasheet(HTML) 2 Page - IXYS Corporation

  IXTA4N80P Datasheet HTML 1Page - IXYS Corporation IXTA4N80P Datasheet HTML 2Page - IXYS Corporation IXTA4N80P Datasheet HTML 3Page - IXYS Corporation IXTA4N80P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTA4N80P
IXTP4N80P
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS= 10 V; ID = 0.5 ID25, pulse test
2.5
4.0
S
C
iss
750
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
70
pF
C
rss
6.3
pF
t
d(on)
22
ns
t
r
V
GS = 10 V, VDS = 0.5 VDSS, ID = 0.5 ID25
24
ns
t
d(off)
R
G = 18 Ω (External)
60
ns
t
f
29
ns
Q
g(on)
14.2
nC
Q
gs
V
GS= 10 V, VDS = 0.5 VDSS, ID = 0.5 ID25
4.8
nC
Q
gd
4.8
nC
R
thJC
1.25
°C/W
R
thCS
(TO-220)
0.25
°C/W
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
Min.
Typ.
Max.
I
S
V
GS = 0 V
3.5
A
I
SM
Repetitive
8
A
V
SD
I
F = IS, VGS = 0 V
1.5
V
t
rr
I
F = 3.5 A, -di/dt = 100 A/μs,
560
ns
Pulse test, t
≤ 300 μs, duty cycle d ≤ 2 %
TO-263 (IXTA) Outline
TO-220 (IXTP) Outline
Pins: 1 - Gate
2 - Drain
3 - Source
4 - Drain
IXYS MOSFETs and IGBTs are covered by 4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
one or moreof the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are
derived from a subjective evaluation of the design, based upon prior knowledge and experience,
and constitute a "considered reflection" of the anticipated result. IXYS reserves the right to change
limits, test conditions, and dimensions without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com