Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTA4N80P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTA4N80P
Description  PolarHV Power MOSFET N-Channel Enhancement Mode Avalanche Rated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTA4N80P Datasheet(HTML) 1 Page - IXYS Corporation

  IXTA4N80P Datasheet HTML 1Page - IXYS Corporation IXTA4N80P Datasheet HTML 2Page - IXYS Corporation IXTA4N80P Datasheet HTML 3Page - IXYS Corporation IXTA4N80P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2006 IXYS CORPORATION All rights reserved
G = Gate
D = Drain
S = Source
TAB = Drain
DS99596E(08/06)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min. Typ.
Max.
BV
DSS
V
GS = 0 V, ID = 250 μA
800
V
V
GS(th)
V
DS = VGS, ID = 100μA
3.0
5.5
V
I
GSS
V
GS = ±30 V, VDS = 0 V
±100
nA
I
DSS
V
DS = VDSS
5
μA
V
GS = 0 V
T
J = 125°C
150
μA
R
DS(on)
V
GS = 10 V, ID = 0.5 ID25
3.4
Ω
Pulse test, t
≤ 300 μs, duty cycle d ≤ 2 %
PolarHVTM
Power MOSFET
N-Channel Enhancement Mode
Avalanche Rated
Features
International standard packages
Unclamped Inductive Switching (UIS)
rated
Low package inductance
- easy to drive and to protect
Advantages
Easy to mount
Space savings
High power density
TO-263 (IXTA)
TO-220 (IXTP)
D
(TAB)
G
S
G
S
(TAB)
IXTA4N80P
IXTP4N80P
V
DSS
= 800
V
I
D25
= 3.6
A
R
DS(on) ≤
≤≤≤≤ 3.4
Ω
Ω
Ω
Ω
Ω
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
800
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
800
V
V
GSS
Continuous
± 30
V
V
GSM
Transient
± 40
V
I
D25
T
C = 25°C
3.6
A
I
DM
T
C = 25°C, pulse width limited by TJM
8A
I
AR
T
C = 25°C2
A
E
AR
T
C = 25°C20
mJ
E
AS
T
C = 25°C
250
mJ
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/μs, VDD ≤ VDSS,
10
V/ns
T
J
≤ 150°C, R
G = 18 Ω
P
D
T
C = 25°C
100
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
T
SOLD
Plastic body for 10 s
260
°C
M
d
Mounting torque
(TO-220)
1.13/10 Nm/lb.in.
Weight
TO-220
4
g
TO-263
3
g
Advance Technical Information


Similar Part No. - IXTA4N80P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTA4N80P ISC-IXTA4N80P Datasheet
299Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTA4N80P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA5N50P IXYS-IXTA5N50P Datasheet
102Kb / 5P
PolarHV Power MOSFET - N-Channel Enhancement Mode
IXTA8N50P IXYS-IXTA8N50P Datasheet
228Kb / 5P
PolarHV Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTQ74N20P IXYS-IXTQ74N20P Datasheet
175Kb / 5P
PolarHTTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTA16N50P IXYS-IXTA16N50P Datasheet
148Kb / 4P
PolarHVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTQ18N60P IXYS-IXTQ18N60P Datasheet
176Kb / 5P
PolarHVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTA130N10T IXYS-IXTA130N10T Datasheet
154Kb / 5P
TrenchMVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTH200N10T IXYS-IXTH200N10T Datasheet
175Kb / 5P
TrenchMVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTH130N10T IXYS-IXTH130N10T Datasheet
145Kb / 5P
TrenchMVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTA32N20T IXYS-IXTA32N20T Datasheet
211Kb / 6P
TrenchTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com