Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5TC2G63FFR-RDA Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # H5TC2G63FFR-RDA
Description  2Gb DDR3L SDRAM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TC2G63FFR-RDA Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button H5TC2G63FFR-RDA Datasheet HTML 3Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 4Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 5Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 6Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 7Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 8Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 9Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 10Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Rev. 1.1 / Apr. 2013
7
RESET
Input
Active Low Asynchronous Reset: Reset is active when RESET is LOW, and inactive when
RESET is HIGH. RESET must be HIGH during normal operation.
RESET is a CMOS rail-to-rail signal with DC high and low at 80% and 20% of VDD, i.e.
1.20V for DC high and 0.30V for DC low.
DQ
Input /
Output
Data Input/ Output: Bi-directional data bus.
DQU, DQL,
DQS, DQS,
DQSU, DQSU,
DQSL, DQSL
Input /
Output
Data Strobe: output with read data, input with write data. Edge-aligned with read data,
centered in write data. The data strobe DQS, DQSL, and DQSU are paired with differential
signals DQS, DQSL, and DQSU, respectively, to provide differential pair signaling to the
system during reads and writes. DDR3 SDRAM supports differential data strobe only and
does not support single-ended.
TDQS, TDQS
Output
Termination Data Strobe: TDQS/TDQS is applicable for x8 DRAMs only. When enabled via
Mode Register A11 = 1 in MR1, the DRAM will enable the same termination resistance
function on TDQS/TDQS that is applied to DQS/DQS. When disabled via mode register A11
= 0 in MR1, DM/TDQS will provide the data mask function and TDQS is not used. x16
DRAMs must disable the TDQS function via mode register A11 = 0 in MR1.
NC
No Connect: No internal electrical connection is present.
NF
No Function
VDDQ
Supply DQ Power Supply: 1.35 V +0.100/- 0.067 V
VSSQ
Supply DQ Ground
VDD
Supply Power Supply: 1.35 V +0.100/- 0.067 V
VSS
Supply Ground
VREFDQ
Supply Reference voltage for DQ
VREFCA
Supply Reference voltage for CA
ZQ
Supply Reference Pin for ZQ calibration
Note:
Input only pins (BA0-BA2, A0-A15, RAS, CAS, WE, CS, CKE, ODT, DM, and RESET) do not supply termination.
Symbol
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com