Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5TC2G63FFR-RDA Datasheet(PDF) 16 Page - Hynix Semiconductor

Part # H5TC2G63FFR-RDA
Description  2Gb DDR3L SDRAM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TC2G63FFR-RDA Datasheet(HTML) 16 Page - Hynix Semiconductor

Back Button H5TC2G63FFR-RDA Datasheet HTML 12Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 13Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 14Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 15Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 16Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 17Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 18Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 19Page - Hynix Semiconductor H5TC2G63FFR-RDA Datasheet HTML 20Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Rev. 1.1 / Apr. 2013
16
IDD3P
Active Power-Down Current
CKE: Low; External clock: On; tCK, CL: see Table 1; BL: 8a); AL: 0; CS: stable at 1; Command, Address,
Bank Address Inputs: stable at 0; Data IO: MID_LEVEL; DM: stable at 0; Bank Activity: all banks open;
Output Buffer and RTT: Enabled in Mode Registersb); ODT Signal: stable at 0
IDD4R
Operating Burst Read Current
CKE: High; External clock: On; tCK, CL: see Table 1; BL: 8a); AL: 0; CS: High between RD; Command,
Address, Bank Address Inputs: partially toggling according to Table 7; Data IO: seamless read data burst
with different data between one burst and the next one according to Table 7; DM: stable at 0; Bank
Activity: all banks open, RD commands cycling through banks: 0,0,1,1,2,2,...(see Table 7); Output Buffer
and RTT: Enabled in Mode Registersb); ODT Signal: stable at 0; Pattern Details: see Table 7.
IDD4W
Operating Burst Write Current
CKE: High; External clock: On; tCK, CL: see Table 1; BL: 8a); AL: 0; CS: High between WR; Command,
Address, Bank Address Inputs: partially toggling according to Table 8; Data IO: seamless read data burst
with different data between one burst and the next one according to Table 8; DM: stable at 0; Bank
Activity: all banks open, WR commands cycling through banks: 0,0,1,1,2,2,...(see Table 8); Output Buf-
fer and RTT: Enabled in Mode Registersb); ODT Signal: stable at HIGH; Pattern Details: see Table 8.
IDD5B
Burst Refresh Current
CKE: High; External clock: On; tCK, CL, nRFC: see Table 1; BL: 8a); AL: 0; CS: High between REF; Com-
mand, Address, Bank Address Inputs: partially toggling according to Table 9; Data IO: MID_LEVEL; DM:
stable at 0; Bank Activity: REF command every nREF (see Table 9); Output Buffer and RTT: Enabled in
Mode Registersb); ODT Signal: stable at 0; Pattern Details: see Table 9.
IDD6
Self-Refresh Current: Normal Temperature Range
TCASE: 0 - 85 oC; Auto Self-Refresh (ASR): Disabledd);Self-Refresh Temperature Range (SRT): Normale);
CKE: Low; External clock: Off; CK and CK: LOW; CL: see Table 1; BL: 8a); AL: 0; CS, Command, Address,
Bank Address Inputs, Data IO: MID_LEVEL; DM: stable at 0; Bank Activity: Self-Refresh operation; Out-
put Buffer and RTT: Enabled in Mode Registersb); ODT Signal: MID_LEVEL
IDD6ET
Self-Refresh Current: Extended Temperature Range (optional)f)
TCASE: 0 - 95 oC; Auto Self-Refresh (ASR): Disabledd);Self-Refresh Temperature Range (SRT): Extend-
ede); CKE: Low; External clock: Off; CK and CK: LOW; CL: see Table 1; BL: 8a); AL: 0; CS, Command,
Address, Bank Address Inputs, Data IO: MID_LEVEL; DM: stable at 0; Bank Activity: Extended Tempera-
ture Self-Refresh operation; Output Buffer and RTT: Enabled in Mode Registersb); ODT Signal:
MID_LEVEL
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com