Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM7300 Datasheet(PDF) 5 Page - Power-One

Part # DM7300
Description  DM7300G Series Digital Power Manager
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

DM7300 Datasheet(HTML) 5 Page - Power-One

  DM7300 Datasheet HTML 1Page - Power-One DM7300 Datasheet HTML 2Page - Power-One DM7300 Datasheet HTML 3Page - Power-One DM7300 Datasheet HTML 4Page - Power-One DM7300 Datasheet HTML 5Page - Power-One DM7300 Datasheet HTML 6Page - Power-One DM7300 Datasheet HTML 7Page - Power-One DM7300 Datasheet HTML 8Page - Power-One DM7300 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
ZD-00896 Rev. 5.2, 9-Apr-13
www.power-one.com
Page 5 of 36
8
Electrical Specifications
Specifications apply at VDD from 3V to 3.6V, ambient temperature from -40°C to 85°C, and utilizing proper
decoupling as shown in Figure 3 unless otherwise noted.
8.1
Power Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Input Supply Voltage
VDD pin
3.0
3.6
VDC
Undervoltage Lockout
Hardware reset is triggered below this
threshold
2.3
2.5
2.7
VDC
Input Supply Current
VDD pin=3.3V
12
20
mA
VREF voltage
AREF pin
2.3
2.56
2.7
VDC
IBVS input voltage range
GND
VREF
VDC
IBVS input resistance
100
M
8.2
Feature Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Intermediate Voltage Bus Protections
Overvoltage Protection
Threshold
With external 5.7:1 ratio divider
IBV
14.6
V
Undervoltage Protection
Threshold
With external 5.7:1 ratio divider
0
IBV
V
Threshold Hysteresis
With external 5.7; 1ratio divider.
Symmetrical relative to average
threshold value
±114
mV
Accuracy of Protection
Thresholds
Internal voltage reference, 1% resistive
divider
-10
10
%VTH
Internal ADC Conversion Error
With external 5.7:1 ratio divider
-43
43
mV
Front End Enable (FE_EN)
VFE_EN
Front End logic level enabled
High
VFE_EN
Front End logic level disabled
Low
Isrc
Source Current, VFE_EN=VDD-0.5V
5
mA
Isink
Sink Current, VFE_EN=0.5V
5
mA
Crowbar (CB)
VCB
Crowbar Enable
High
VCB
Crowbar Disable
Low
Isrc
Source Current, VCB=VDD-0.5V
5
mA
Isink
Sink Current, VCB=0.5V
5
mA
TCB
Duration of Enabling Pulse
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com