Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM7300 Datasheet(PDF) 13 Page - Power-One

Part # DM7300
Description  DM7300G Series Digital Power Manager
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

DM7300 Datasheet(HTML) 13 Page - Power-One

Back Button DM7300 Datasheet HTML 9Page - Power-One DM7300 Datasheet HTML 10Page - Power-One DM7300 Datasheet HTML 11Page - Power-One DM7300 Datasheet HTML 12Page - Power-One DM7300 Datasheet HTML 13Page - Power-One DM7300 Datasheet HTML 14Page - Power-One DM7300 Datasheet HTML 15Page - Power-One DM7300 Datasheet HTML 16Page - Power-One DM7300 Datasheet HTML 17Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
ZD-00896 Rev. 5.2, 9-Apr-13
www.power-one.com
Page 13 of 36
10.1.4 Monitoring Data
The DPMs can retrieve current, temperature, output voltage, and status information from each of the POL converters
and status information only from Auxiliary Devices. Monitoring data is stored in RAM and can be accessed via the
I2C bus. Monitoring registers are read only.
The monitoring data consists of 5 Bytes for each POL converter and Auxiliary Device as shown in Table 3. When the
status monitoring is enabled, the ST registers get continuously updated. When the parametric monitoring is enabled,
the VOH, VOL, IO, and TMP registers get continuously updated. Scaling data from the registers is specific to each
DP and ZY series POL. Refer to the DM7300 Programming manual for calculation information.
Table 3: Monitoring Data Registers
POL Converter
Auxiliary Device
Register
Content
Register
Content
ST
Status Register
ST
Status Register
VOH
Output Voltage High Byte
reserved
VOL
Output Voltage Low Byte
reserved
IO
Output Current
reserved
TMP
Temperature
reserved
10.1.5 User Memory
This non-volatile memory block is reserved for users’ notes and not related to other functions in the DPM. It can be
used to save user-specific information such as manufacturing data and location, serial number, application code,
configuration file version, warranty or repair information, etc. A total of 1024 Bytes organized in 4 pages is provided.
The user memory can be accessed via the GUI System Configuration window shown in Figure 8 or directly via the I2C
bus using specific commands. Content of the user memory is saved into the configuration file when the file is saved.
Note that this does not change the current DPM contents until the DPM is programmed with the file currently in
memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com