Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3Z-R66 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E3Z-R66
Description  Compact Photoelectric Sensor with Built-in Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-R66 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E3Z-R66 Datasheet HTML 3Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 4Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 5Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 6Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 7Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 8Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 9Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 10Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
E3Z
Ratings and Specifications
*1. Values in parentheses indicate the minimum required distances between the Sensors and Reflectors.
*2. Plastic bottles must pass with the minimum clearance of 500 mm.
Sensing method
Through-beam
Retro-reflective with
MSR function
Diffuse-reflective
(Narrow-
beam Models)
Model
NPN
out-
put
Pre-wired
E3Z-T61
E3Z-T62
E3Z-T61A
E3Z-R61
E3Z-D61
E3Z-D62
E3Z-L61
Connector (M8)
E3Z-T66
E3Z-T67
E3Z-T66A
E3Z-R66
E3Z-D66
E3Z-D67
E3Z-L66
PNP
out-
put
Pre-wired
E3Z-T81
E3Z-T82
E3Z-T81A
E3Z-R81
E3Z-D81
E3Z-D82
E3Z-L81
Item
Connector (M8)
E3Z-T86
E3Z-T87
E3Z-T86A
E3Z-R86
E3Z-D86
E3Z-D87
E3Z-L86
Sensing distance
15 m
30 m
10 m
4 m (100 mm) *1
(when using E39-R1S)
3 m (100 mm) *1
(when using E39-R1)
100 mm
(white paper:
100
× 100 mm)
1 m
(white paper:
300
× 300 mm)
90 + 30 mm
(white paper,
100 x 100 mm)
Spot diameter (typical)
---
(2.5 dia. and
sensing dis-
tance of
90 mm)
Standard sensing object
Opaque: 12-mm dia. min.
Opaque: 75-mm dia. min.
---
Minimum detectable object (typical)
---
0.1 mm (cop-
per wire)
Differential travel
---
20% max. of setting distance
Refer to Engi-
neering data
on page 10.
Directional angle
Both emitter and receiver: 3 to 15
°
2 to 10
°
---
Light source (wavelength)
Infrared LED (870 nm)
Red LED
(660 nm)
Red LED (660 nm)
Infrared LED (860 nm)
Red LED
(650 nm)
Current consumption
35 mA max. (Emitter: 15 mA max., Receiv-
er: 20 mA max.)
30 mA max.
Protection circuits
Reversed power supply polarity protection,
Output short-circuit protection, and Re-
versed output polarity protection
Reversed power supply polarity protection, Output short-circuit protection,
Mutual interference prevention, and Reversed output polarity protection
Response time
Operate or
reset:
1 ms max.
Operate or
reset:
2 ms max.
Operate or reset: 1 ms max.
Degree of protection
IEC, IP67
Connection method
Pre-wired cable (standard length: 2 m and 0.5 m), Connector (M8)
Weight
(packedstate)
Pre-wired cable (2 m)
Approx. 120 g
Approx. 65 g
Connector
Approx. 30 g
Approx. 20 g
Material
Case
PBT (polybutylene terephthalate)
Lens
Modified polyarylate
Methacrylic resin
Modified polyarylate
Sensing method
Retro-reflective for clear, plastic bottles (without MSR function)
Model
NPN output
E3Z-B61
E3Z-B66
E3Z-B62
E3Z-B67
Item
PNP output
E3Z-B81
E3Z-B86
E3Z-B82
E3Z-B87
Sensing distance
500 mm (80 mm) *1 (using E39-R1S)
2 m (500 mm) *1 *2 (using E39-R1S)
Standard sensing object
500-ml (65-mm dia.) transparent round plastic bottles
Light source (wavelength)
Red LED (660 nm)
Current consumption
30 mA max.
Protection circuits
Reversed power supply polarity protection, Output short-circuit protection, Mutual interference prevention,
and Reversed output polarity protection
Response time
Operate or reset: 1 ms max.
Degree of protection
IEC, IP67
Connection method
Pre-wired cable (standard
length: 2 m and 0.5 m)
Connector (M8, 4 pins)
Pre-wired cable (standard
length: 2 m and 0.5 m)
Connector (M8, 4 pins)
Weight
(packed
state)
Pre-wired cable (2 m)
Approx. 65 g
Standard Connector
Approx. 20 g
Material
Case
PBT (polybutylene terephthalate)
Lens
Modified polyarylate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com