Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3Z-R66 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E3Z-R66
Description  Compact Photoelectric Sensor with Built-in Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-R66 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E3Z-R66 Datasheet HTML 4Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 5Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 6Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 7Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 8Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 9Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 10Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 11Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
E3Z
The E3Z-T
@2-G0 is equipped with an emission stop function. Ratings and specifications of this function are given in the following table.
Visible spot models are available for through-beam NPN output models. The different items from E3Z-T62 are listed below.
Item
Sensing method
Output and Modes
Through-beam models, NPN output: E3Z-T62/T67-G0, PNP output: E3Z-T82/T87-G0
Emission stop
function
Input
<NPN models> Emission OFF: Short-circuit to 0 V or 1.5 V max. (Outflow current 1 mA max.), Emission ON: Discon-
nected (Leakage current 0.1 mA max.)
<PNP models> Emission OFF: Short-circuit to +DC (Power supply plus side) or +DC-1.5 V max. (Inlet current 3 mA
max.), Emission ON: Disconnected (Leakage current 0.1 mA max.)
Response time
Operate or reset: 0.5 ms max.
Model
E3Z-T62-SOSDW-P2
Light source (wavelength)
Orange LED (615 nm)
Response time
Operate or reset: 1 ms max.
Connection method
Pre-wired lable (Standard length: 2 m)
Sensing method
Transparent glass Limited-reflective (for transparent object detection )
Model NPN output
E3Z-L63
E3Z-L68
Item
PNP output
E3Z-L83
E3Z-L88
Sensing distance
30±20 mm (transparent glasses 100 × 100 mm)
Spot diameter
2-mm dia. min. (at sensing distance of 30 mm)
Minimum detectable object (typical)
0.1 mm dia. (copper wire)
Light source (wavelength)
Red LED (660 nm)
Current consumption
30 mA max.
Protection circuits
Power supply reverse polarity protection, Output short-circuit protection, Mutual interference prevention,
Reverse output polarity protection
Response time
Operate or reset: 1 ms max.
Degree of protection
IEC, IP67
Connection method
Pre-wired (standard length: 2 m)
M8 connector
Weight
(packed state)
Pre-wired cable (2 m)
Approx. 65 g
Standard Connector
Approx. 20 g
Material
Case
PBT (polybutylene terephthalate)
Lens
Modified polyarylate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com