Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CN-R2MLD-500 Datasheet(PDF) 33 Page - Omron Electronics LLC

Part # E5CN-R2MLD-500
Description  Digital Temperature Controllers/Digital Controllers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-R2MLD-500 Datasheet(HTML) 33 Page - Omron Electronics LLC

Back Button E5CN-R2MLD-500 Datasheet HTML 29Page - Omron Electronics LLC E5CN-R2MLD-500 Datasheet HTML 30Page - Omron Electronics LLC E5CN-R2MLD-500 Datasheet HTML 31Page - Omron Electronics LLC E5CN-R2MLD-500 Datasheet HTML 32Page - Omron Electronics LLC E5CN-R2MLD-500 Datasheet HTML 33Page - Omron Electronics LLC E5CN-R2MLD-500 Datasheet HTML 34Page - Omron Electronics LLC E5CN-R2MLD-500 Datasheet HTML 35Page - Omron Electronics LLC E5CN-R2MLD-500 Datasheet HTML 36Page - Omron Electronics LLC E5CN-R2MLD-500 Datasheet HTML 37Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
E5CN-H
33
Ordering Information
Controllers
Option Units
One of the following Option Units can be mounted to provide the E5CN with additional functions.
Note: These Option Units are applicable only to models released after January 2008.
Accessories (Order Separately)
USB-Serial Conversion Cable
Terminal Cover
Note: 1. The Terminal Cover comes with the E5CN-
@@@-500 models.
2. The E53-COV10 cannot be used.
Waterproof Packing
Note: Waterproof Packing is included with the controller only for models with
terminal blocks.
Current Transformers (CTs)
Adapter
Note: Use this Adapter when the panel has been previously prepared for the
E5B
@.
CX-Thermo Support Software
Size
Case Color
Power supply voltage
Auxiliary output
Control output 1
Model
1/16 DIN
48
× 48 × 78
(W
× H × D)
Black
100 to 240 VAC
2
Relay output
E5CN-HR2M-500
Voltage output (for driving SSR)
E5CN-HQ2M-500
Current output
E5CN-HC2M-500
Linear voltage output
E5CN-HV2M-500
24 VAC/VDC
2
Relay output
E5CN-HR2MD-500
Voltage output (for driving SSR)
E5CN-HQ2MD-500
Current output
E5CN-HC2MD-500
Linear voltage output
E5CN-HV2MD-500
Silver
100 to 240 VAC
2
Relay output
E5CN-HR2M-W-500
Voltage output (for driving SSR)
E5CN-HQ2M-W-500
Current output
E5CN-HC2M-W-500
24 VAC/VDC
2
Relay output
E5CN-HR2MD-W-500
Voltage output (for driving SSR)
E5CN-HQ2MD-W-500
Current output
E5CN-HC2MD-W-500
Functions
Model
Communications
RS-485
3-phase heater burnout/SSR failure/
Heater overcurrent detection
E53-CNHH03N2
Heater burnout/SSR failure/
Heater overcurrent detection
Event inputs
E53-CNHBN2
Communications
RS-485
Control output 2
(Voltage for driving SSR)
E53-CNQ03N2
Communications
RS-485
Heater burnout/SSR failure/
Heater overcurrent detection
E53-CNH03N2
Communications
RS-485
E53-CN03N2
Event inputs
E53-CNBN2
Heater burnout/SSR failure/
Heater overcurrent detection
Control output 2
(Voltage for driving SSR)
E53-CNQHN2
3-phase heater burnout/SSR failure/
Heater overcurrent detection
Control output 2
(Voltage for driving SSR)
E53-CNQHHN2
Event inputs
Control output 2
(Voltage for driving SSR)
E53-CNQBN2
Control output 2
(Voltage for driving SSR)
Transfer Output
E53-CNQFN2
Event inputs
Transfer Output
E53-CNBFN2
Communications
RS-232C
Control output 2
(Voltage for driving SSR)
E53-CNQ01N2
Communications
RS-232C
E53-CN01N2
Communications
RS-232C
Heater burnout/SSR failure/
Heater overcurrent detection
E53-CNH01N2
Model
E58-CIFQ1
Model
E53-COV17
Model
Y92S-29
Hole diameter
Model
5.8 dia.
E54-CT1
12.0 dia.
E54-CT3
Connectable models
Model
Terminal type
Y92F-45
Model
EST2-2C-MV4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com