Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CN-R2MLD-500 Datasheet(PDF) 46 Page - Omron Electronics LLC

Part # E5CN-R2MLD-500
Description  Digital Temperature Controllers/Digital Controllers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-R2MLD-500 Datasheet(HTML) 46 Page - Omron Electronics LLC

Back Button E5CN-R2MLD-500 Datasheet HTML 42Page - Omron Electronics LLC E5CN-R2MLD-500 Datasheet HTML 43Page - Omron Electronics LLC E5CN-R2MLD-500 Datasheet HTML 44Page - Omron Electronics LLC E5CN-R2MLD-500 Datasheet HTML 45Page - Omron Electronics LLC E5CN-R2MLD-500 Datasheet HTML 46Page - Omron Electronics LLC E5CN-R2MLD-500 Datasheet HTML 47Page - Omron Electronics LLC E5CN-R2MLD-500 Datasheet HTML 48Page - Omron Electronics LLC E5CN-R2MLD-500 Datasheet HTML 49Page - Omron Electronics LLC E5CN-R2MLD-500 Datasheet HTML 50Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
E5AN-H/E5EN-H
46
E5EN-H
Accessories (Order Separately)
Output Units
USB-infrared Conversion Cable
USB-Serial Conversion Cable
Terminal Cover
Note: The Terminal Cover comes with the E5CN-
@@@-500 models.
Waterproof Packing
Note: The Waterproof Packing is included with the Controller.
Current Transformers (CTs)
CX-Thermo Support Software
Size
Case
color
Power
supply
voltage
Control
method
Auxil-
iary
output
Control output 1/2
Heater
burn-
out
Optional Functions
Model
Event
inputs
Transfer
output
RSP
1/8 DIN
48
× 96 × 78
(W
× H × D)
Black
100 to
240 VAC
Basic
2
Control Output Unit
× 21
2
4 to 20-mA
input
E5EN-HAA2HBM-500
SSR outputs
× 21
2
4 to 20-mA
input
E5EN-HSS2HBM-500
Control Output Unit
× 22
2
4 to 20-mA
output
4 to 20-mA
input
E5EN-HAA2HHBFM-500
SSR outputs
× 22
2
4 to 20-mA
output
4 to 20-mA
input
E5EN-HSS2HHBFM-500
3
Control Output Unit
× 22
4 to 20-mA
output
4 to 20-mA
input
E5EN-HAA3BFM-500
SSR outputs
× 22
4 to 20-mA
output
4 to 20-mA
input
E5EN-HSS3BFM-500
Valve
2
Relay outputs
× 22
4 to 20-mA
input
E5EN-HPRR2BM-500
Relay outputs
× 22
4 to 20-mA
output
4 to 20-mA
input
E5EN-HPRR2BFM-500
24 VAC/
VDC
Basic
2
Control Output Unit
× 21
2
4 to 20-mA
input
E5EN-HAA2HBMD-500
SSR outputs
× 21
2
4 to 20-mA
input
E5EN-HSS2HBMD-500
Control Output Unit
× 22
2
4 to 20-mA
output
4 to 20-mA
input
E5EN-HAA2HHBFMD-500
SSR outputs
× 22
2
4 to 20-mA
output
4 to 20-mA
input
E5EN-HSS2HHBFMD-500
3
Control Output Unit
× 22
4 to 20-mA
output
4 to 20-mA
input
E5EN-HAA3BFMD-500
SSR outputs
× 22
4 to 20-mA
output
4 to 20-mA
input
E5EN-HSS3BFMD-500
Valve
2
Relay outputs
× 22
4 to 20-mA
input
E5EN-HPRR2BMD-500
Relay outputs
× 22
4 to 20-mA
output
4 to 20-mA
input
E5EN-HPRR2BFMD-500
Silver
100 to
240 VAC
Basic
2
Control Output Unit
× 21
2
4 to 20-mA
input
E5EN-HAA2HBM-W-500
Control Output Unit
× 22
2
4 to 20-mA
output
4 to 20-mA
input
E5EN-HAA2HHBFM-W-500
24 VAC/
VDC
Control Output Unit
× 21
2
4 to 20-mA
input
E5EN-HAA2HBMD-W-500
Output unit
Model
Specifications
Relay
output
E53-RN
SPST-NO, 250 VAC, 5 A (resistive load),
electrical life: 100,000 operations
Voltage
output
(for driving
SSR)
E53-QN
12 VDC (PNP), max. load current:
40-mA, with short-circuit protection
E53-Q3
24 VDC (NPN), max. load current:
20-mA, with short-circuit protection
E53-Q4
24 VDC (PNP), max. load current:
20-mA, with short-circuit protection
Current
output
E53-C3N
4 to 20-mA DC, load: 600
Ω max.,
resolution: approx. 10,000
E53-C3DN
0 to 20-mA DC, load: 600
Ω max.,
resolution: approx. 10,000
Linear
voltage
output
E53-V34N
0 to 10 VDC, load: 1 k
Ω min., resolution:
approx. 10,000
E53-V35N
0 to 5 VDC, load: 1 k
Ω min., resolution:
approx. 10,000
Model
E58-CIFIR
Model
E58-CIFQ1
Connectable models
Model
E5AN-H
E53-COV16
E5EN-H
Connectable models
Model
E5AN-H
Y92S-P4
E5EN-H
Y92S-P5
Hole diameter
Model
5.8 dia.
E54-CT1
12.0 dia.
E54-CT3
Model
EST2-2C-MV4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com