Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

250570B Datasheet(PDF) 2 Page - Integrated Technology Future

Part # 250570B
Description  162.51 MHz SAW Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

250570B Datasheet(HTML) 2 Page - Integrated Technology Future

  250570B Datasheet HTML 1Page - Integrated Technology Future 250570B Datasheet HTML 2Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
162.51 MHz SAW Filter
Part Number250570B
Tel: 82-32-621-1213
2013. 03. 28
I T F
Co., Ltd.
102-901, Bucheon Technopark 364, Samjeong-Dong,
Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Fax: 82-32-621-1218
http://www.itf.co.kr
sales@itf.co.kr
Rev 1.0
3. Typical Performance ( at +25℃
℃
℃
℃ )
1dB Bandwidth & Ripple
20dB Bandwidth & 40dB Bandwidth
3dB Bandwidth & Group Delay
Relative Attenuation
Wide band Properties
SWR(S11 & S22)
CH1 S11
SWR
5 /
REF 0
CENTER 162. 510 000 MHz
SPAN 20. 000 000 MHz
Cor
CH3 S22
SWR
5 /
REF 0
Cor
9 Jan 2012 22:43:57
1
1: 8. 6372
162. 510 000 MHz
2
2: 9. 2769
162. 510 000 MHz
CH1 S21
LOG
10 dB/
REF -23.6 dB
START . 010 000 MHz
STOP 500. 000 000 MHz
9 Jan 2012 22:54:53
1
1:-24 . 092 dB
162. 510 000 MHz
CH2 S21
LOG
1 dB/
REF -23.6 dB
CENTER 162. 510 000 MHz
SPAN 6. 000 000 MHz
Cor
CH4 S21
DEL
200 ns/
REF 2.34 us
Cor
Smo
9 Jan 2012 22:42:39
2
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH2 Markers
BW
:
5. 523029 MHz
cent : 162. 497974 MHz
Q: 29. 422
1_loss : -23 . 851 dB
4
2
3
3:-21 . 362 ns
4. 920 000 MHz
REF=2
CH4 Markers
mean: 2. 2074 us
s. dev : 22. 331 ns
p-p : 114. 82 ns
CH2 S21
LOG
1 dB/
REF -23.6 dB
CENTER 162. 510 000 MHz
SPAN 6. 000 000 MHz
Cor
CH4 S21
LOG
1 dB/
REF -23.6 dB
Cor
9 Jan 2012 22:42:50
2
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH2 Markers
BW
:
5. 287141 MHz
cent : 162. 509217 MHz
Q: 30. 737
1_loss : -23 . 853 dB
4
2
3
3: . 23250 dB
4. 920 000 MHz
REF=2
CH4 Markers
mean:-23 . 871 dB
s. dev : . 09670 dB
p-p : . 52880 dB
CH1 S21
LOG
10 dB/
REF -23.6 dB
CENTER 162. 510 000 MHz
SPAN 20. 000 000 MHz
Cor
CH3 S21
LOG
10 dB/
REF -23.6 dB
Cor
9 Jan 2012 22:41:53
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW
:
6. 199406 MHz
cent : 162. 479510 MHz
Q: 26. 209
1_loss : -23 . 842 dB
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH3 Markers
BW
:
6. 542920 MHz
cent : 162. 470524 MHz
Q: 24. 832
1_loss : -23 . 842 dB
CH1 S21
LOG
10 dB/
REF -23.6 dB
CENTER 162. 510 000 MHz
SPAN 20. 000 000 MHz
Cor
CH3 S21
LOG
10 dB/
REF -23.6 dB
Cor
9 Jan 2012 22:43:19
1
2
3
2: 0. 0000 dB
0. 000 000 MHz
REF=2
CH1 Markers
1: . 19720 dB
2. 46000 MHz
3:-18 . 625 dB
-655 . 000 kHz
1
2
3
2: 0. 0000 dB
0. 000 000 MHz
REF=2
CH3 Markers
1:- . 04000 dB
-2 . 46000 MHz
3:-24 . 400 dB
655. 000 kHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com