Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

250570B Datasheet(PDF) 1 Page - Integrated Technology Future

Part # 250570B
Description  162.51 MHz SAW Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

250570B Datasheet(HTML) 1 Page - Integrated Technology Future

  250570B Datasheet HTML 1Page - Integrated Technology Future 250570B Datasheet HTML 2Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
162.51 MHz SAW Filter
Part Number250570B
Tel: 82-32-621-1213
2013. 03. 28
I T F
Co., Ltd.
102-901, Bucheon Technopark 364, Samjeong-Dong,
Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Fax: 82-32-621-1218
http://www.itf.co.kr
sales@itf.co.kr
Rev 1.0
1. Features
Typical 1dB bandwidth of 5.3 MHz
High attenuation
Single Ended Operation
Surface Mounted Package (SMD)
2. Electrical Specifications
Source and Load Impedance = 50
Room Temperature :
+25℃
℃
℃
℃
Minimum
Typical
Maximum
Center Frequency (fo)
MHz
-
162.51
-
Insertion Loss
dB
-
24.0
25.5
1dB Bandwidth
MHz
5.2
5.3
-
3dB Bandwidth
MHz
-
5.52
-
20dB Bandwidth
MHz
-
6.19
-
40dB Bandwidth
MHz
-
6.54
6.7
Amplitude Ripple (fo ± 2.46 MHz)
dB
-
0.5
1.2
Group Delay Variation (fo ± 2.46 MHz)
nsec
-
120
200
Absolute Delay
usec
-
2.2
-
Ultimate Rejection
dB
40
48
-
Temperature Coefficient of Frequency
ppm/℃
-
-18
-
Relative Attenuation
@edge ± 0.555MHz
dBc
-
20
-
@Edge : 4.92MHz
S2098 Package Dimension
Matching Schematic
L1 = 10nH, L2 = 10nH, C1 = 36pF, C2 = 20pF
Pin Configuration
Input
10
Ground
1,6
6
7
8
9
10
5
4
3
2
1
7
8
9
10
6
4
3
2
1
5
20.00±0.2
1.02±0.1
1.91±0.1
7.62±0.1
1.56±0.2
Dimensions shown are nominal in millimeters
Body : Al2O3
Lid : Kovar, Ni Plated
Termination : Au plating 0.3 ~ 1.0um, over a 1.27 ~ 8.89um Ni Plating
Output
5
Others
Ground
C2
C1
L2
L1
Input
50Ω
Output
50Ω
ITF 12A001
250570B
。
。
。
。162.51-5.3M
10
10
10
10
5
5
5
5


Similar Part No. - 250570B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2505 ETC2-2505 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
logo
KR Electronics, Inc.
2505 KR-2505 Datasheet
28Kb / 2P
Surface Mount Package
logo
Christian Bürkert GmbH ...
2505 BURKERT-2505 Datasheet
1Mb / 20P
Direct-acting 2/2 or 3/2 way Rocker-Solenoid Valve with separating diaphragm
16.08.2023
2505 BURKERT-2505 Datasheet
1Mb / 17P
2/2 or 3/2 way Pneumatic-Rocker-Solenoid Valve
03.02.2023
2505 BURKERT-2505 Datasheet
1Mb / 15P
2/2 or 3/2 way Rocker-Solenoid Valve with separating diaphragm
27.01.2023
More results

Similar Description - 250570B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
EPCOS
B3773 EPCOS-B3773 Datasheet
74Kb / 9P
SAW filter 868.95 MHz
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
Integrated Technology F...
250519B ITF-250519B Datasheet
173Kb / 2P
162.51 MHz SAW Filter
Rev 1.0 2013. 03. 29
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Transko Electronics, In...
TA16205AD1 TRANSKO-TA16205AD1 Datasheet
623Kb / 4P
162.51 MHz IF SAW Filter / 5.22 MHz Bandwidth
Revision 0: 12. Jan. 2012
TF-016201-D40 TRANSKO-TF-016201-D40 Datasheet
630Kb / 4P
162.51 MHz IF SAW Filter / 5.20 MHz Bandwidth
Revision 0: November 2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com