Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24FC64F Datasheet(PDF) 11 Page - Microchip Technology

Part # 24FC64F
Description  64K I2C Serial EEPROM with Quarter-Array Write-Protect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC64F Datasheet(HTML) 11 Page - Microchip Technology

Back Button 24FC64F Datasheet HTML 7Page - Microchip Technology 24FC64F Datasheet HTML 8Page - Microchip Technology 24FC64F Datasheet HTML 9Page - Microchip Technology 24FC64F Datasheet HTML 10Page - Microchip Technology 24FC64F Datasheet HTML 11Page - Microchip Technology 24FC64F Datasheet HTML 12Page - Microchip Technology 24FC64F Datasheet HTML 13Page - Microchip Technology 24FC64F Datasheet HTML 14Page - Microchip Technology 24FC64F Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
 2009-2012 Microchip Technology Inc.
DS22154B-page 11
24AA64F/24LC64F/24FC64F
8.0
READ OPERATION
Read operations are initiated in the same way as write
operations, with the exception that the R/W bit of the
control byte is set to one. There are three basic types
of read operations: current address read, random read
and sequential read.
8.1
Current Address Read
The 24XX64F contains an address counter that main-
tains the address of the last word accessed, internally
incremented by one. Therefore, if the previous read
access was to address ‘n’ (n is any legal address), the
next current address read operation would access data
from address n + 1.
Upon receipt of the control byte with R/W bit set to one,
the 24XX64F issues an acknowledge and transmits the
eight-bit data word. The master will not acknowledge
the transfer, but does generate a Stop condition and the
24XX64F discontinues transmission (Figure 8-1).
8.2
Random Read
Random read operations allow the master to access
any memory location in a random manner. To
perform this type of read operation, the word address
must first be set. This is accomplished by sending
the word address to the 24XX64F as part of a write
operation (R/W bit set to ‘0’). Once the word address
is sent, the master generates a Start condition
following the acknowledge.
This terminates the write operation, but not before
the internal Address Pointer is set. The master then
issues the control byte again, but with the R/W bit set
to a one. The 24XX64F will then issue an acknowl-
edge and transmit the 8-bit data word. The master
will not acknowledge the transfer, but does generate
a Stop condition, which causes the 24XX64F to
discontinue
transmission
(Figure 8-2).
After
a
random Read command, the internal address coun-
ter will point to the address location following the one
that was just read.
8.3
Sequential Read
Sequential reads are initiated in the same way as
random reads, except that once the 24XX64F transmits
the first data byte, the master issues an acknowledge as
opposed to the Stop condition used in a random read.
This acknowledge directs the 24XX64F to transmit the
next sequentially-addressed 8-bit word (Figure 8-3).
Following the final byte being transmitted to the master,
the master will NOT generate an acknowledge, but will
generate a Stop condition. To provide sequential reads,
the 24XX64F contains an internal Address Pointer
which is incremented by one at the completion of each
operation. This Address Pointer allows the entire
memory contents to be serially read during one opera-
tion. The internal Address Pointer will automatically roll
over from address 1FFF to address 0000 if the master
acknowledges the byte received from the array address
1FFF.
FIGURE 8-1:
CURRENT ADDRESS READ
SP
Bus Activity
Master
SDA Line
Bus Activity
S
T
O
P
Control
Byte
Data (n)
A
C
K
N
O
A
C
K
S
T
A
R
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com