Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24FC64F Datasheet(PDF) 14 Page - Microchip Technology

Part # 24FC64F
Description  64K I2C Serial EEPROM with Quarter-Array Write-Protect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC64F Datasheet(HTML) 14 Page - Microchip Technology

Back Button 24FC64F Datasheet HTML 10Page - Microchip Technology 24FC64F Datasheet HTML 11Page - Microchip Technology 24FC64F Datasheet HTML 12Page - Microchip Technology 24FC64F Datasheet HTML 13Page - Microchip Technology 24FC64F Datasheet HTML 14Page - Microchip Technology 24FC64F Datasheet HTML 15Page - Microchip Technology 24FC64F Datasheet HTML 16Page - Microchip Technology 24FC64F Datasheet HTML 17Page - Microchip Technology 24FC64F Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
24AA64F/24LC64F/24FC64F
DS22154B-page 14
 2009-2012 Microchip Technology Inc.
Note:
T = Temperature grade (I, E)
Part Number
1st Line Marking Codes
TSSOP
MSOP
TDFN
SOT-23
I Temp.
E Temp.
I Temp.
E Temp.
24AA64F
4ABF
4A64FT
AT1
—
7MNN
—
24LC64F
4LBF
4L64FT
AT4
AT5
7QNN
7RNN
24FC64F
4FBF
4F64FT
A7D
—
7UNN
—
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
5-Lead SOT-23
XXNN
Example:
7MNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com