Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FD Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC24FD
Description  16-bit Embedded Control Solutions PIC24 Microcontrollers dsPIC Digital Signal Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FD Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC24FD Datasheet HTML 6Page - Microchip Technology PIC24FD Datasheet HTML 7Page - Microchip Technology PIC24FD Datasheet HTML 8Page - Microchip Technology PIC24FD Datasheet HTML 9Page - Microchip Technology PIC24FD Datasheet HTML 10Page - Microchip Technology PIC24FD Datasheet HTML 11Page - Microchip Technology PIC24FD Datasheet HTML 12Page - Microchip Technology PIC24FD Datasheet HTML 13Page - Microchip Technology PIC24FD Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10 16-bit Embedded Control Solutions
Digital Power and Lighting
16-bit Digital Power and Lighting Products
■ Streamlined interoperation between PWM, ADC and CPU
■ High performance core with DSP instructions
•    High speed control loop execution for demanding
power conversion applications
•    Fast and predictable interrupts
•    Zero wait-state execution from flash memory
■ High resolution PWMs for digital power
•    Very precise resolution of 1ns for duty cycle, phase
shift, period and dead time
•    Flexibility to control numerous power topologies
■ Optimized digital power conversion ADC
•    Hardware triggered for precision sampling and low
CPU overhead
■ Complete reference designs & algorithms
•    AC/DC converter meeting platinum specification
•    LLC resonant DC/DC converter
•    Quarter brick DC/DC converter
•    Solar micro inverter
•    Interleaved power factor correction
•    Offline UPS
Webinar Topics (www.microchip.com/power)
■ Building a dsPIC DSC SMPS System
■ SMPS Components and Their Effects on System Design
■ Control System Design for Power Converters
■ SMPS Topologies: The Buck Converter
■ Switch Mode Power Supply Topologies:
The Forward Converter
■ Interleaved Power Factor Correction
■ Offline UPS using the dsPIC DSC
Software and App Notes
Application Solution
AN #
Description
Power Factor Correction in Power
Conversion Applications Using
the dsPIC®DSC
AN1106
This application note focuses primarily on the study, design and implementation of Power Factor Correction (PFC)
using a Digital Signal Controller (DSC).
Switch Mode Power Supply
(SMPS) Topologies (Part I)
AN1114
This application note explains the basics of different types of SMPS topologies and their applications. The pros
and cons of different SMPS topologies are also explained to guide the user to select an appropriate topology for a
given application, while providing useful information regarding selection of components for a given SMPS design.
Switch Mode Power Supply
(SMPS) Topologies (Part II)
AN1207
This application note is the second of a two-part series on Switch Mode Power Supply (SMPS) topologies. This series
expands on the previous material in Part I, and presents the basic tools needed to design a power converter.
Offline UPS Reference Design
AN1279
The application note describes the design of an Offline Uninterruptible Power Supply (UPS) using a Switch Mode
Power Supply (SMPS) dsPIC Digital Signal Controller (DSC).
Digital Power Interleaved PFC
Reference Design
AN1278
The application note describes the design of an Digital Power Interleaved PFC (IPFC) using a Switch Mode Power
Supply (SMPS) dsPIC Digital Signal Controller (DSC).
Quarter Brick DC-DC Reference
Design
AN1335
This application note describes the design of Quarter Brick DC-DC Reference Design using Switch Mode Power
Supply (SMPS) dsPIC Digital Signal Controller(DSC)
DC-DC LLC Resonant Converter
Reference Design
AN1336
This application note describes the design of DC-DC LLC Resonant Converter Reference Design using Switch
Mode Power Supply (SMPS) dsPIC Digital Signal Controller(DSC)
Grid Connected Solar
Microinverter
AN1338
This application note describes the design of Grid Connected Solar Microinverter Reference Design using Switch
Mode Power Supply (SMPS) dsPIC Digital Signal Controller(DSC)
Platinum-rated AC/DC Reference
Design Using the dsPIC DSC
AN1421
This application note presents a fully digital-controlled 720W AC-to-DC (AC/DC) power supply, which meets all CSCI
Platinum Specifications, as well as providing a variety of additional, application-specific features and functions.
Featured Digital Power Products
Product
Pins
Flash
(KB)
RAM
(Bytes)
IC/OC
PS
PWM
ADC
Analog
Compare
UART/I2C™/
SPI
CAN
dsPIC33FJ06GS001
18/20
6
256
0/0
4
6 Ch, 2 S&H
2
0/1/0
0
dsPIC33FJ09GS302
28/36
9
1K
1/1
6
8 Ch, 3 S&H
2
1/1/1
0
dsPIC33FJ16GS504
44
16
2K
2/2
8
12 Ch, 6 S&H
4
1/1/1
0
dsPIC33FJ32GS406
64
32
4K
4/4
12
16 Ch, 5 S&H
0
2/2/2
0
dsPIC33FJ64GS606
64
64
9K
4/4
12
16 Ch, 5 S&H
4
2/2/2
1
dsPIC33FJ64GS610
100
64
9K
4/4
18
24 Ch, 6 S&H
4
2/2/2
1
www.microchip.com/power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com