Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FD Datasheet(PDF) 19 Page - Microchip Technology

Part # PIC24FD
Description  16-bit Embedded Control Solutions PIC24 Microcontrollers dsPIC Digital Signal Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FD Datasheet(HTML) 19 Page - Microchip Technology

Back Button PIC24FD Datasheet HTML 12Page - Microchip Technology PIC24FD Datasheet HTML 13Page - Microchip Technology PIC24FD Datasheet HTML 14Page - Microchip Technology PIC24FD Datasheet HTML 15Page - Microchip Technology PIC24FD Datasheet HTML 16Page - Microchip Technology PIC24FD Datasheet HTML 17Page - Microchip Technology PIC24FD Datasheet HTML 18Page - Microchip Technology PIC24FD Datasheet HTML 19Page - Microchip Technology PIC24FD Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
16-bit Embedded Control Solutions
16-bit Packages
Microchip Quick Web Links
16-bit MCUs and DSCs Home Page
www.microchip.com/16bit
Advanced Part Selector
www.microchip.com/maps
Application Notes
www.microchip.com/applicationnotes
Connectivity
www.microchip.com/connectivity
Datasheet Finder Tool
www.microchip.com/datasheets
Digital Power
www.microchip.com/power
eXtreme Low Power
www.microchip.com/xlp
Graphics
www.microchip.com/graphics
Motor Control
www.microchip.com/motor
Segmented Displays
www.microchip.com/LCD
Software Libraries
www.microchip.com/libraries
Touch Sensing
www.microchip.com/mtouch
18-lead PDIP (P)
22.81 × 7.95 × 3.3 mm
(Lead Pitch: 0.1 inches)
28-lead SPDIP (SP)
34.67 × 7.87 × 3.3 mm
(Lead Pitch: 0.1 inches)
40-lead PDIP (P)
52.27 × 15.24 × 3.81 mm
(Lead Pitch: 0.1 inches)
20-lead PDIP (P)
26.24 × 7.87 × 3.3 mm
(Lead Pitch: 0.1 inches)
18-lead SOIC (SO)
11.53 × 10.34 × 2.31 mm
(Lead Pitch: 1.27 mm)
28-lead SOIC (SO)
17.88 × 10.34 × 2.31 mm
(Lead Pitch: 1.27 mm)
20-lead SOIC (SO)
12.80 × 10.34 × 2.31 mm
(Lead Pitch: 1.27 mm)
20-lead SSOP (SS)
7.2 × 7.85 × 1.85 mm
(Lead Pitch: 0.65 mm)
28-lead SSOP (SS)
10.2 × 7.8 × 2 mm
(Lead Pitch: 0.65 mm)
14-lead TSSOP (ST)
5.0 × 6.4 × 1.2 mm
(Lead Pitch: 0.65 mm)
64-lead QFN (MR)
9 × 9 × 0.5 mm
(Lead Pitch: 0.5 mm)
28-lead QFN (MQ)
5 × 5 mm
(Lead Pitch: 0.65 mm)
28-lead QFN (MM & ML)
6 × 6 × 0.9 mm
(Lead Pitch: 0.65 mm)
36-lead VTLA (TL)
5 × 5 × 0.9 mm
(Lead Pitch: 0.5 mm)
44-lead VTLA (TL)
6 × 6 × 0.9 mm
(Lead Pitch: 0.5 mm)
44-lead QFN (ML)
8 × 8 × 0.65 mm
(Lead Pitch: 0.65 mm)
144-lead TQFP (PH)
16 × 16 × 1 mm
(Lead Pitch: 0.4 mm)
144-lead LQFP (PL)
20 × 20 × 1.4 mm
(Lead Pitch: 0.5 mm)
44-lead TQFP (PT)
10 × 10 × 1 mm
(Lead Pitch: 0.8 mm)
64-lead TQFP (PT)
10 × 10 × 1 mm
(Lead Pitch: 0.5 mm)
100-lead TQFP (PT)
12 × 12 × 1 mm
(Lead Pitch: 0.4 mm)
80-lead TQFP (PT)
12 × 12 × 1 mm
(Lead Pitch: 0.5 mm)
121-ball BGA (BG)
10 × 10 × 0.8 mm
(Lead Pitch: 0.8 mm)
20-lead QFN (MQ)
5 × 5 × 0.9 mm
(Lead Pitch: 0.65 mm)
14-lead PDIP (P)
19 × 6.35 × 3.3 mm
(Lead Pitch: 0.1 inches)
64-lead TQFP (PF)
14 × 14 × 1 mm
(Lead Pitch: 0.8 mm)
80-lead TQFP (PF)
14 × 14 × 1 mm
(Lead Pitch: 0.65 mm)
100-lead TQFP (PF)
14 × 14 × 1 mm
(Lead Pitch: 0.5 mm)
Die/Wafer
(WLCSP)
For more information about chipscale packaging options, please visit www.microchip.com/packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com