Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC Datasheet(PDF) 5 Page - Microchip Technology

Part # DSPIC
Description  16-bit Embedded Control Solutions PIC24 Microcontrollers dsPIC Digital Signal Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC Datasheet(HTML) 5 Page - Microchip Technology

  DSPIC Datasheet HTML 1Page - Microchip Technology DSPIC Datasheet HTML 2Page - Microchip Technology DSPIC Datasheet HTML 3Page - Microchip Technology DSPIC Datasheet HTML 4Page - Microchip Technology DSPIC Datasheet HTML 5Page - Microchip Technology DSPIC Datasheet HTML 6Page - Microchip Technology DSPIC Datasheet HTML 7Page - Microchip Technology DSPIC Datasheet HTML 8Page - Microchip Technology DSPIC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
16-bit Embedded Control Solutions
Flexible Integrated Peripherals
Digital I/O
Peripheral Pin Select (PPS)
•    Remap digital I/O
•    Supports most digital peripherals
Up to 122 programmable digital I/O pins
Wake-up/Interrupt-on-change on up to
52 pins
High current sink/source
Communication Modules
3-wire SPI: up to 3 modules
•    Framing supports I/O interface to
simple codecs
I²C™: up to 3 modules
•    Full multi-master and Slave mode
support
•    7-bit and 10-bit addressing
UART: up to 4 modules
•    Interrupt-on-address bit detect
•    Wake-up on Start bit from Sleep mode
•    4-character TX and RX FIFO buffers
•    LIN and IrDA support
USB Device, Host & OTG
•    Internal Boost Regulator requires
minimal external components
•    Separate 3.3V regulator
•    Transparent RAM buffer interface
CAN 2.0 (up to 2 modules)
Digital Power Peripherals
10-bit ADC Up to 4 Msps, Up to 6
sample and holds
PS PWM, 1 nS duty cycle resolution
Analog comparators, 25 ns
Programmable reference
Timers/Capture/Compare/PWM
Timer/counters: up to nine 16-bit timers
•    Can pair up to make 32-bit timers
•    1 timer can run as real-time clock
Input capture: up to 16 channels
•    Capture on rising, falling or both edges
•    4-deep FIFO on each capture
Output compare: up to 16 channels
•    Dedicated timer
•    Single or dual 16-bit compare mode
•    16-bit glitchless PWM mode
Auxilary Functions
LCD Segment Driver:
•    60 Segment ×8 Common Driver
Graphics Controller Features:
•    3× graphics hardware acceleration units
•    Color look-up table with up to 256 entries
•    Direct interface to monochrome,
C-STN, TFT, OLED
Parallel Master Slave Port (PMP/PSP):
•    Communicates with external
data memory, communications
peripherals, LCDs
•    Supports 8-bit or 16-bit data
•    Supports 16 address lines
Hardware Real-Time Clock/Calendar (RTCC):
•    Provides clock, calendar and
alarm functions
Programmable CRC generator
Charge time measurement unit (CTMU)
•    Capacitive touch sense keypad I/F
•    Provides 1 ns resolution time
measurements
•    Temperature Sensing
Peripheral Trigger Generator (PTG)
Analog Subsystems
On-chip high speed op amps
•    Up to 10 MHz gain bandwidth
Analog comparators (up to 4):
•    Programmable reference
ADC
•    10-bit up to 1.1 Msps, 4 S&H
•    12-bit up to 500 ksps, 1 S&H
•    Configurable 10/12-bit options
•    Buffered outputor DMA
•    Autoscanning
•    Supports CVD touch
Motor Control Peripherals
Motor Control PWM: up to 14 outputs
•    Up to 7 duty cycle generators
•    Independent or complementary mode
•    Programmable dead time settings
•    Edge or center-aligned PWMs
•    Manual output override control
•    Up to 10 fault inputs
•    ADC samples triggered by PWM module
Quadrature encoder interface module
•    Up to 2 modules
•    Phase A, Phase B and index pulse input
High current sink/source
16/40/70 MIPS 16-bit Core
Memory Bus
MIPSS 16
16-bit
17 x 17
MPY
JTAG & Emul.
Interface
Register File
16 x 16
Barrel
Shifter
Address
Generation
16-bit ALU
Interrupt
Control
Memory Bus
4-512 KB
Flash
Me
Mem
mory
512B-96 KB
RAM
DMA
Bus
B
0-512B
EEPROM
LCD
Segment
Drive
Integrated Graphics
Display Controller
Color Lookup Table
Graphics
Acceleration Units
USB On-the-Go
CTMU
Op Amp/Analog Comp., 0-4
Watchdog & PWR Mgmt.
16/32-bit Timers
Input Capture
Out Comp./PWM
UART, 1-4
SPI, 1-4
I2C™, 1-3
PMP
CRC
RTCC
DSBOR
DSWDT
INT0
VBAT
ADC - 2, 10/12-bit, 32 ch.
PMP
32-bit CRC, GP I/O
CAN, 0-2
ADC 10-bit, 16 ch.
PIC24 & dsPIC DSC Family Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com