Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC Datasheet(PDF) 7 Page - Microchip Technology

Part # DSPIC
Description  16-bit Embedded Control Solutions PIC24 Microcontrollers dsPIC Digital Signal Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC Datasheet(HTML) 7 Page - Microchip Technology

Back Button DSPIC Datasheet HTML 3Page - Microchip Technology DSPIC Datasheet HTML 4Page - Microchip Technology DSPIC Datasheet HTML 5Page - Microchip Technology DSPIC Datasheet HTML 6Page - Microchip Technology DSPIC Datasheet HTML 7Page - Microchip Technology DSPIC Datasheet HTML 8Page - Microchip Technology DSPIC Datasheet HTML 9Page - Microchip Technology DSPIC Datasheet HTML 10Page - Microchip Technology DSPIC Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
16-bit Embedded Control Solutions
PIC24 with eXtreme Low Power
16-bit eXtreme Low Power (XLP) Products
As more electronic applications require low power or
battery power, energy conservations becomes paramount.
Today’s applications must consume little power and in
extreme cases last up to 15–20 years while running from
a single battery. Products with Microchip’s eXtreme Low
Power (XLP) technology offer the industry’s lowest currents
for sleep, where most applications spend 90–99% of their
time. Ideal for applications including portable medical
devices, thermostats, energy monitoring, wireless sensors,
energy harvesting and security applications.
eXtreme Low Power (XLP)—the Benchmark in
Low Power!
•    Down to 10 nA in Deep Sleep
•    As low as 400 nA with RTCC active
Fast wake-up from Deep Sleep
•    Minimize CPU run time
•    Flexible wake-up sources
Efficient instruction set; 90% single-cycle instruction
•    Active mode currents as low as 150 µA/MHz
•    CoreMark™/MHz of 1.88, 12.53 CoreMark/mA
Software & App Notes
XLP Battery Life Estimator
The XLP Battery Life Estimator is a free software utility
to aid you in developing Low Power applications. The
tool estimates average current consumption and battery
life. The utility allows users to select the target device,
battery type, the application’s operating conditions
(such as voltage and temperature) and model the active
and power-down times for their applications. The tool
comes pre-loaded with specifications of Microchip’s PIC®
microcontrollerss featuring nanoWatt XLP technology and
commonly used batteries in embedded applications.
App Notes
Low Power Design Guide: A single source for low power
consumption from the viewpoint of the MCU (AN1416)
nanoWatt XLP Technology: An Introduction to
Microchip’s Low-Power Devices (AN1267)
Development Tools
nanoWatt XLP 16-bit Development Board
(DM240311)
The XLP 16-bit Development Board is
designed with eXtreme Low Power in
mind. Designed as a true platform for low
power development, it enables designs
with sleep currents as low as 10 nA. The
board is suitable for prototyping many low
power applications including RF sensors, data loggers,
temperature sensors, electronic door locks, metering
sensors, remote controls, security sensors, smart cards
and energy harvesting. The PICtail™ interface supports
Microchip’s extensive line of daughter cards for easy
evaluation of your next low power application.
MPLAB®REAL ICE™ In-Circuit Emulator Power
Monitor (AC244008)
This add-on board fills the need for low power
monitoring and debugging. Breakpoints indicate
when current exceeds a specified threshold and
provides a graph of current, voltage and time
versus code execution. Also use time-stamping with
100 ns resolution to find large current codes.
Battery Life
nanoWatt XLP vs. Competition
(RTCC on, Run 1 ms/min., CR2032 Lithium Button Cell Battery)
PIC24F16KA102
Competitor TCompetitor A
500 days
800 days
Featured XLP Products
PIC®MCU with XLP
Technology
Flash
(KB)
Pins
Sleep
(nA)
Deep Sleep
(nA)
WDT
(nA)
32 kHz
SOSC/RTCC
(nA)
µA/MHz
PIC24F16KL402
4–16
14/20/28
30
210
690
150
PIC24FJ64GB004
32–64
28/44
200
20
200
500
250
PIC24FJ128GA310
64–128
64/100
330
10
270
400
150
www.microchip.com/xlp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com