Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9601 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9601
Description  10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9601 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9601 Datasheet HTML 17Page - Analog Devices AD9601 Datasheet HTML 18Page - Analog Devices AD9601 Datasheet HTML 19Page - Analog Devices AD9601 Datasheet HTML 20Page - Analog Devices AD9601 Datasheet HTML 21Page - Analog Devices AD9601 Datasheet HTML 22Page - Analog Devices AD9601 Datasheet HTML 23Page - Analog Devices AD9601 Datasheet HTML 24Page - Analog Devices AD9601 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AD9601
Rev. 0 | Page 21 of 32
HARDWARE INTERFACE
The pins described in Table 8 comprise the physical interface
between the user’s programming device and the serial port of
the AD9601. All serial pins are inputs, which is an open-drain
output and should be tied to an external pull-up or pull-down
resistor (suggested value of 10 kΩ).
This interface is flexible enough to be controlled by either
PROMS or PIC microcontrollers as well. This provides the user
with an alternate method to program the ADC other than a SPI
controller.
If the user chooses not to use the SPI interface, some pins serve
a dual function and are associated with a specific function when
strapped externally to AVDD or ground during device power-
on. The Configuration Without the SPI section describes the
strappable functions supported on the AD9601.
CONFIGURATION WITHOUT THE SPI
In applications that do not interface to the SPI control registers,
the SPI SDIO/DCS and SPI SCLK/DFS pins can alternately
serve as standalone CMOS-compatible control pins. When the
device is powered up, it is assumed that the user intends to use
the pins as static control lines for the duty cycle stabilizer. In
this mode, the SPI CSB chip select should be connected to
ground, which disables the serial port interface.
Table 9. Mode Selection
Mnemonic
External
Voltage
Configuration
AVDD
Duty cycle stabilizer enabled
SPI SDIO/DCS
AGND
Duty cycle stabilizer disabled
AVDD
Twos complement enabled
SPI SCLK/DFS
AGND
Offset binary enabled
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
SDIO
SCLK
CSB
tS
tDH
tHI
tCLK
tLO
tDS
tH
R/W
W1
W0
A12
A11
A10
A9
A8
A7
D5
D4
D3
D2
D1
D0
Figure 44. Serial Port Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com