Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASA1 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASA1
Description  HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASA1 Datasheet(HTML) 2 Page - Abracon Corporation

  ASA1 Datasheet HTML 1Page - Abracon Corporation ASA1 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
||||||| | | | | | | | |
Pb RoHS
Compliant
OUTLINE DRAWING:
TAPE & REEL:
2.0 x 1.6 x 0.7mm
ASA SERIES
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Visit
www.abracon.com for Terms & Conditions of Sale
Revised: 03.12.12
HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
PIN #
Name
1
Tri-state (Stand-by)
2
GND
3
Output
4
Vdd
Dimensions: inches (mm)
Dimensions: mm
REFLOW PROFILE:
Need a test socket for the ASA Series? To view
compatible PRECISION TEST & BURN-IN SOCKETS
for these parts, click here.
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial,
Industrial and, where designated, Automotive Applications. Abracon’s products are not specifically designed for Military,
Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component
failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme
operating environment, written consent and authorization from Abracon Corporation is required. Please contact Abracon
Corporation for more information.
T= Tape and reel (1,000pcs/reel)
T3= Tape and reel (3,000pcs/reel)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com