Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASA1 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASA1
Description  HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASA1 Datasheet(HTML) 1 Page - Abracon Corporation

  ASA1 Datasheet HTML 1Page - Abracon Corporation ASA1 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
**Available for -10 to +60°C only
***Available for -10 to +60°C, option E only
Contact Abracon for tighter frequency stability options
||||| | | | | | | | | | |
ASA SERIES
Pb RoHS
Compliant
APPLICATIONS:
FEATURES:
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Visit
www.abracon.com for Terms & Conditions of Sale
Revised: 03.12.12
HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
2.0 x 1.6 x 0.7m m
• CCD clock for VTR camera
• Computers and peripherals
• Portable electronics
• Mobile communication, PDA
• Ultra miniature package,
2.0 x 1.6 x 0.7mm
• Tri-state function
• Suitable for high density SMT
• Suitable for RoHS compliant
reflow process
• Seam sealed package assures
high reliability
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Moisture Sensitivity Level (MSL) – This product is
Hermetically Sealed and not Moisture Sensitive -
MSL = N/A: Not Applicable
ASA -
MHz -
-
-
-
Supply Voltage
Blank: 3.3V±10%
1: 2.5 V±10%
2: 1.8 V±10%
Overall Freq. Stability
Blank: ±50ppm
R**: ±25ppm
K***: ±30 ppm
Frequency in MHz
Please specify the
frequency in MHz.
e.g. 14.31818MHz
Operating Temp.
Blank: -10°C ~ +60°C
E: -20°C ~ +70°C
L: -40°C ~ +85°C
Symmetry
Blank: 40/60% @1/2Vdd
S: 45/55% @1/2Vdd
Packaging
Blank: Bulk
T: Tape & Reel (1kpcs)
T3: Tape & Reel (3kpcs)
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency Range
1.0
-----
80
MHz
Operating Temperature
-10
-----
+60
°C
See options
Storage Temperature
-40
-----
+85
°C
Overall Frequency Stability*
-50
-----
+50
ppm
See options
Supply Voltage (Vdd)
2.97
3.3
3.66
V
Standard
2.25
2.5
2.75
Option 1 (CMOS )
1.62
1.8
1.98
Option 2 (CMOS)
Supply Current (Idd)
Vdd = 3.3 V
-----
2.0
5.0
mA
1MHz < F < 20 MHz
-----
4.0
10.0
20 MHz < F < 50 MHz
-----
7.0
15.0
50 MHz < F < 80 MHz
Vdd = 2.5 V
-----
2.0
5.0
1MHz < F < 20 MHz
-----
3.0
10.0
20 MHz < F < 50 MHz
-----
5.0
10.0
50 MHz < F < 80 MHz
Vdd = 1.8 V
-----
1.5
5.0
1MHz < F < 20 MHz
-----
2.5
5.0
20 MHz < F < 50 MHz
-----
4.0
10.0
50 MHz < F < 80 MHz
Output Load
-----
-----
15
pF
-----
-----
2
TTL
Output Voltage
VOH
0.9*Vdd
-----
-----
V
CMOS
VOL
-----
-----
0.1*Vdd
CMOS
VOH
2.4
-----
-----
TTL
VOL
-----
-----
0.4
TTL
Tri-state function
"1" (VIH≥0.7*Vdd) : Oscillation
"0" (VIH<0.3*Vdd) : Hi Z
Pin 1 must be pulled
“high” for oscillation
Aging
-3.0
-----
+3.0
ppm
@+25°C First year
Symmetry @1/2Vdd
40
50
60
%
Standard
45
50
55
Option S
Start-up Time
10.0
ms
Rise/Fall Time (Tr/Tf)
10.0
ns
*Overall frequency stability includes initial frequency tolerance @+25°C and stability over the operating temperature.


Similar Part No. - ASA1

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASA ABRACON-ASA Datasheet
302Kb / 1P
HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
logo
Emerson Network Power
ASA EMERSON-NETWORKPOWER-ASA Datasheet
128Kb / 2P
ASA 6W Series
logo
Astec America, Inc
ASA ASTEC-ASA Datasheet
115Kb / 2P
Short circuit protection
logo
Artesyn Technologies
ASA ARTESYN-ASA Datasheet
701Kb / 3P
Encapsulated
logo
Advanced Energy Industr...
ASA ADVANCEDENERGY-ASA Datasheet
209Kb / 4P
10 Watts
More results

Similar Description - ASA1

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AP5S ABRACON-AP5S Datasheet
157Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
5.15.07
ASA ABRACON-ASA Datasheet
302Kb / 1P
HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
ASD ABRACON-ASD Datasheet
222Kb / 2P
LOW VOLTAGE HCMOS SURFACE-MOUNT CRYSTAL CLOCK OSCILLATOR
5.10.07
AP5S ABRACON-AP5S_08 Datasheet
164Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
1.04.08
AP7S ABRACON-AP7S_08 Datasheet
164Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
1.04.08
logo
Connor-Winfield Corpora...
6113 CONNOR-WINFIELD-6113 Datasheet
84Kb / 2P
3.3V HCMOS Surface Mount Crystal Clock Oscillator
6115 CONNOR-WINFIELD-6115 Datasheet
84Kb / 2P
5.0V HCMOS Surface Mount Crystal Clock Oscillator
6215 CONNOR-WINFIELD-6215 Datasheet
84Kb / 2P
5.0V HCMOS Surface Mount Crystal Clock Oscillator
7115 CONNOR-WINFIELD-7115 Datasheet
82Kb / 2P
5.0V HCMOS Surface Mount Crystal Clock Oscillator
7215 CONNOR-WINFIELD-7215 Datasheet
82Kb / 2P
5.0V HCMOS Surface Mount Crystal Clock Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com