Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F412R-12LB Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # F412R-12LB
Description  Low noise 14 dB Light weight (approx 20 g)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

F412R-12LB Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  F412R-12LB Datasheet HTML 1Page - Cooper Bussmann, Inc. F412R-12LB Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
BRUSHLESS DC FANS
FEATURES
STRUCTURE
● Frame and impeller
ABS/PBT alloy
● Bearing
1 ball bearing and 1 sleeve bearing
PART NUMBER DESIGNATION
F 4 1 2 R - 1 2 L B
Series name
Bearing
Power supply
Air flow
L :0.11 m
3/min
M :0.15 m
3/min
05:DC5 V
12:DC12 V
1 ball bearing and 1 sleeve bearing
LIST OF PART NUMBERS
Static pressure [Pa]
Noise [dB (A)]
Bearing
Power supply
14.7
25.5
16
23
B
DC5 V
F412R-05LB
F412R-12LB
F412R-05MB
F412R-12MB
DC12 V
DC5 V
DC12 V
Part number
Verify the above part numbers when placing orders.
● Low noise 14 dB (A)
● Light weight (approx. 20 g)
F412R
RoHS compliant


Similar Part No. - F412R-12LB

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
F412R-12LB COOPER-F412R-12LB Datasheet
78Kb / 2P
BRUSHLESS DC FANS
logo
Copal Electronics
F412R-12LB COPAL-F412R-12LB Datasheet
63Kb / 2P
BRUSHLESS DC FANS
More results

Similar Description - F412R-12LB

ManufacturerPart #DatasheetDescription
logo
NEC
LD79A02K NEC-LD79A02K Datasheet
49Kb / 4P
30 GHz, 20 W CW, LIGHT WEIGHT, COMPACT, EFFICIENT
LD79U04K NEC-LD79U04K Datasheet
70Kb / 4P
14 GHz, 40 W CW, LIGHT WEIGHT, COMPACT, EFFICIENT
LD79U12K NEC-LD79U12K Datasheet
125Kb / 4P
14 GHz, 123 W CW, LIGHT WEIGHT, COMPACT, EFFICIENT
logo
DB Lectro Inc
NT78 DBLECTRO-NT78 Datasheet
284Kb / 2P
Small size, light weight. / Low coil consumption.
logo
HuaXinAn Electronics CO...
N40992A HUAXINAN-N40992A Datasheet
502Kb / 1P
Small size, light weight, Low price
N40992B HUAXINAN-N40992B Datasheet
502Kb / 1P
Small size, light weight, Low price
N40992C HUAXINAN-N40992C Datasheet
502Kb / 1P
Small size, light weight, Low price
logo
Nanjing International G...
MCR100-3 DGNJDZ-MCR100-3 Datasheet
60Kb / 3P
TO-92 Plastic Package Weight approx. 0.19g
logo
Xilinx, Inc
PK111 XILINX-PK111 Datasheet
91Kb / 2P
Average Weight: 3.0620 g
logo
SHIKUES Electronics
BC856S SKTECHNOLGY-BC856S Datasheet
488Kb / 2P
Power dissipation, plastic case, Weight approx
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com