Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F412R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # F412R
Description  BRUSHLESS DC FANS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

F412R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  F412R Datasheet HTML 1Page - Cooper Bussmann, Inc. F412R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
BRUSHLESS DC FANS
FEATURES
STRUCTURE
● Frame and impeller
ABS/PBT alloy
● Bearing
1 ball bearing and 1 sleeve bearing
PART NUMBER DESIGNATION
F 4 1 2 R - 1 2 L B
Series name
Bearing
Power supply
Air flow
L :0.11 m
3/min
M :0.15 m
3/min
05:DC5 V
12:DC12 V
1 ball bearing and 1 sleeve bearing
LIST OF PART NUMBERS
Static pressure [Pa]
Noise [dB (A)]
Bearing
Power supply
14.7
25.5
16
23
B
DC5 V
F412R-05LB
F412R-12LB
F412R-05MB
F412R-12MB
DC12 V
DC5 V
DC12 V
Part number
Verify the above part numbers when placing orders.
● Low noise 14 dB (A)
● Light weight (approx. 20 g)
F412R
RoHS compliant


Similar Part No. - F412R

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
F412R COPAL-F412R Datasheet
63Kb / 2P
BRUSHLESS DC FANS
F412R-05LB COPAL-F412R-05LB Datasheet
63Kb / 2P
BRUSHLESS DC FANS
F412R-05MB COPAL-F412R-05MB Datasheet
63Kb / 2P
BRUSHLESS DC FANS
logo
Cooper Bussmann, Inc.
F412R-12LB COOPER-F412R-12LB Datasheet
78Kb / 2P
Low noise 14 dB Light weight (approx 20 g)
logo
Copal Electronics
F412R-12LB COPAL-F412R-12LB Datasheet
63Kb / 2P
BRUSHLESS DC FANS
More results

Similar Description - F412R

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
logo
List of Unclassifed Man...
F16EA ETC2-F16EA Datasheet
73Kb / 2P
BRUSHLESS DC FANS
logo
Copal Electronics
F16EA COPAL-F16EA Datasheet
63Kb / 2P
BRUSHLESS DC FANS
F17HA COPAL-F17HA Datasheet
57Kb / 2P
BRUSHLESS DC FANS
F251R COPAL-F251R Datasheet
58Kb / 2P
BRUSHLESS DC FANS
F310R COPAL-F310R Datasheet
66Kb / 2P
BRUSHLESS DC FANS
F410T COPAL-F410T Datasheet
66Kb / 2P
BRUSHLESS DC FANS
F412R COPAL-F412R Datasheet
63Kb / 2P
BRUSHLESS DC FANS
F614T COPAL-F614T Datasheet
63Kb / 2P
BRUSHLESS DC FANS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com