Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F412R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # F412R
Description  BRUSHLESS DC FANS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

F412R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  F412R Datasheet HTML 1Page - Cooper Bussmann, Inc. F412R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
F412R
BRUSHLESS DC FANS
STANDARD SPECIFICATIONS
Item
F412R-05LB
DC5 V
DC12 V
4.5 ~ 5.7 V
4.2 ~ 5.7 V
10.2 ~ 13.8 V
10.2 ~ 13.8 V
0.08 A
0.10 A
0.04 A
0.06 A
4200 min
-1
5400 min
-1
4200 min
-1
5400 min
-1
0.11 m
3/min
0.15 m
3/min
0.11 m
3/min
0.15 m
3/min
15 Pa
26 Pa
15 Pa
26 Pa
16 dB (A)
–10 ~ +60 °C (35 ~ 85 %RH)
23 dB (A)
16 dB (A)
23 dB (A)
Rated voltage
Voltage range
Rated current
Rotating speed
Air flow
Static pressure
Noise
Use environment
–20 ~ +70 °C (35 ~ 85 %RH)
Storage environment
Approx. 20 g
Net weight
F412R-05MB
F412R-12LB
F412R-12MB
AIR FLOW PERFORMANCE CURVES
OUTLINE DIMENSIONS
(Unit: mm)
F412R-05MB
-12MB
Air flow
(m/min)
3
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
2.0
30
25
20
15
10
5
0
F412R-05LB
-12LB
12.2
± 0.5
32
± 0.5
32
± 0.5
4 –
3.5
41
± 0.5
4 –
3.5
φ
4 – C3
Air flow
Black : GND
Lead wire UL AWM 1007 AWG26
Red : VOLTAGE
φ
φ
Dimension of mounting hole for recommendation
The specifications above are typical values measured on the conditions
of no-loading running with rated voltage in the circumstances of 25 °C
± 2 °C, 35~ 85 %RH. Please contact us if you would liketo check the
specifications in different circumstances.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com