Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECAPMP Datasheet(PDF) 5 Page - Cooper Bussmann, Inc.

Part # ECAPMP
Description  Compact Modular Fuse Holders With the Industrys Best Ratings
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

ECAPMP Datasheet(HTML) 5 Page - Cooper Bussmann, Inc.

  ECAPMP Datasheet HTML 1Page - Cooper Bussmann, Inc. ECAPMP Datasheet HTML 2Page - Cooper Bussmann, Inc. ECAPMP Datasheet HTML 3Page - Cooper Bussmann, Inc. ECAPMP Datasheet HTML 4Page - Cooper Bussmann, Inc. ECAPMP Datasheet HTML 5Page - Cooper Bussmann, Inc. ECAPMP Datasheet HTML 6Page - Cooper Bussmann, Inc. ECAPMP Datasheet HTML 7Page - Cooper Bussmann, Inc. ECAPMP Datasheet HTML 8Page - Cooper Bussmann, Inc. ECAPMP Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Multi-Pole Ganging
Use multi-pole connection kit part number
JV-L to gang multiple poles together. One
JV-L kit is sufficient to gang up to 4 poles.
Dimensional Data - mm (in)
17.5
[ 0.689 ]
35
[ 1.378 ]
52.5
[ 2.067 ]
70
[ 2.756 ]
42.58
[ 1.676 ]
52.83
[ 2.080 ]
61.83
[ 2.434 ]
18.59
[ 0.732 ]
83.19
[ 3.275 ]
7.5
[ 0.295 ]
Modular Fuse Holder Features and Installation Guide
Removing Instructions
1. Press down on top
of DIN-Rail
2. Rotate out
on the bottom
4mm
Lockout
Feature in
Fuse Carrier
Toolless
Ganging of
Multiple
Poles
Toolless DIN Rail
Mounting
Wire Strip
Length
Indicator
6mm Wire
Clamp Lug and
open bus bar
connection
(#4 to #18)
Captive, Fully
Backed Out
Phil-Slot Screw
Spade lug
connection
Self-Extinguishing,
UL 94V0 Rated
Polyester
Material
Label Slot
Optional
Open Fuse
Indicator
Hole for Wire
Security Tag
Features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com