Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECAPMP Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # ECAPMP
Description  Compact Modular Fuse Holders With the Industrys Best Ratings
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

ECAPMP Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  ECAPMP Datasheet HTML 1Page - Cooper Bussmann, Inc. ECAPMP Datasheet HTML 2Page - Cooper Bussmann, Inc. ECAPMP Datasheet HTML 3Page - Cooper Bussmann, Inc. ECAPMP Datasheet HTML 4Page - Cooper Bussmann, Inc. ECAPMP Datasheet HTML 5Page - Cooper Bussmann, Inc. ECAPMP Datasheet HTML 6Page - Cooper Bussmann, Inc. ECAPMP Datasheet HTML 7Page - Cooper Bussmann, Inc. ECAPMP Datasheet HTML 8Page - Cooper Bussmann, Inc. ECAPMP Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Compact DIN-Rail Mountable Fuse Holders
Accessories Provide Greater Flexibility
Save time and money by reducing wiring and components. Advanced comb-bus
bar and PLC communication accessories expand design possibilities while
delivering superior performance.
Ease of Use
Easy to identify and specify, product color coding shows PV, IEC and UL holders at
a glance. Optional factory-installed neutral pole and open fuse indication speeds
troubleshooting.
In stock for QuikShip Everyday Service - 90% of our orders ship within 24 hours.
QuikShip Emergency Service ensures you’re covered 24/7, 365 with “Next flight
out” courier service.
Best Ratings
With a wide wire range and industry leading ratings - up to 32A, 1000V, 200kA
SCCR – the new CH Series provides worldwide acceptance and easy specification
– including the latest PV fuse holder standard (UL 4248-18)
Smallest Footprint
The CH Series conserves valuable panel space. Up to 10 percent smaller than the
competition.
Cooper Bussmann CH Series finger-safe modular fuse holders offer a set
of advantages you can’t find anywhere else.
Service
™



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com