Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTX15-2-R Datasheet(PDF) 5 Page - Cooper Bussmann, Inc.

Part # CTX15-2-R
Description  Power Inductors and Transformers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CTX15-2-R Datasheet(HTML) 5 Page - Cooper Bussmann, Inc.

  CTX15-2-R Datasheet HTML 1Page - Cooper Bussmann, Inc. CTX15-2-R Datasheet HTML 2Page - Cooper Bussmann, Inc. CTX15-2-R Datasheet HTML 3Page - Cooper Bussmann, Inc. CTX15-2-R Datasheet HTML 4Page - Cooper Bussmann, Inc. CTX15-2-R Datasheet HTML 5Page - Cooper Bussmann, Inc. CTX15-2-R Datasheet HTML 6Page - Cooper Bussmann, Inc. CTX15-2-R Datasheet HTML 7Page - Cooper Bussmann, Inc. CTX15-2-R Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ECONO-PAC™/OCTA-PAC®
OCTA-PAC® PLUS
Power Inductors and Transformers
P
Pa
arra
alllle
ell R
Ra
attiin
ng
gs
s
S
Se
erriie
es
s R
Ra
attiin
ng
gs
s
P
Pa
arrtt N
Nu
um
mb
be
err
R
Ra
atte
ed
d
O
OC
CL
L ((1
1))
II s
sa
att.. ((2
2))
II rrm
ms
s.. ((3
3))
D
DC
CR
R
Ω
Ω ((44))
V
Vo
olltt ((7
7))
O
OC
CL
L ((1
1))
II s
sa
att.. ((2
2))
II rrm
ms
s.. ((3
3))
D
DC
CR
R
Ω
Ω ((44))
V
Vo
olltt ((7
7))
IIn
nd
du
uc
ctta
an
nc
ce
e
n
no
om
miin
na
all
A
Am
mp
pe
erre
es
s
A
Am
mp
pe
erre
es
s
m
ma
ax
x..
µ
µ--S
Se
ec
c
n
no
om
miin
na
all
A
Am
mp
pe
erre
es
s
A
Am
mp
pe
erre
es
s
m
ma
ax
x..
µ
µ--S
Se
ec
c
((µ
µH
H))
+
+//--2
25
5%
%
P
Pe
ea
ak
k
@
@ 2
20
0°
°C
C..
+
+//--2
25
5%
%
P
Pe
ea
ak
k
@
@ 2
20
0°
°C
C..
((µ
µH
H))
((µ
µH
H))
C
CT
TX
X6
68
8--3
3A
A--R
R
68.0
68.80
1.13
1.28
0.253
12.9
275.2
0.56
0.64
1.013
25.8
C
CT
TX
X1
10
00
0--3
3A
A--R
R
100.0
99.07
0.94
1.05
0.379
15.5
396.3
0.47
0.53
1.514
30.9
C
CT
TX
X1
15
50
0--3
3A
A--R
R
150.0
149.7
0.76
0.86
0.571
19.0
598.7
0.38
0.43
2.283
38.0
C
CT
TX
X2
20
00
0--3
3A
A--R
R
200.0
198.8
0.66
0.71
0.829
21.9
795.3
0.33
0.35
3.315
43.8
C
CT
TX
X3
30
00
0--3
3A
A--R
R
300.0
296.2
0.54
0.56
1.309
26.7
1185
0.27
0.28
5.236
53.5
C
CT
TX
X0
0..3
33
3--4
4A
A--R
R
0.33
0.313
22.5
12.2
0.0030
0.98
1.25
11.25
6.09
0.0119
1.96
C
CT
TX
X0
0..6
68
8--4
4A
A--R
R
0.68
0.744
15.0
10.6
0.0040
1.47
2.98
7.50
5.28
0.0158
2.94
C
CT
TX
X1
1--4
4A
A--R
R
1.0
1.39
11.25
9.23
0.0052
1.96
5.57
5.63
4.62
0.0207
3.93
C
CT
TX
X2
2--4
4A
A--R
R
2.0
2.18
9.00
8.38
0.0063
2.45
8.70
4.50
4.19
0.0251
4.91
C
CT
TX
X5
5--4
4A
A--R
R
5.0
4.26
6.43
7.21
0.0085
3.44
17.05
3.21
3.61
0.0339
6.87
C
CT
TX
X8
8--4
4A
A--R
R
8.0
8.70
4.50
5.49
0.015
4.91
34.80
2.25
2.74
0.059
9.81
C
CT
TX
X1
10
0--4
4A
A--R
R
10.0
10.53
4.09
4.67
0.020
5.40
42.11
2.05
2.33
0.081
10.8
C
CT
TX
X1
15
5--4
4A
A--R
R
15.0
14.70
3.46
3.87
0.029
6.38
58.81
1.73
1.94
0.117
12.8
C
CT
TX
X2
20
0--4
4A
A--R
R
20.0
19.58
3.00
3.62
0.034
7.36
78.30
1.50
1.81
0.135
14.7
C
CT
TX
X2
25
5--4
4A
A--R
R
25.0
25.14
2.65
3.02
0.048
8.34
100.51
1.32
1.51
0.193
16.7
C
CT
TX
X3
33
3--4
4A
A--R
R
33.0
34.80
2.25
2.49
0.071
9.81
139.2
1.13
1.25
0.283
19.6
C
CT
TX
X5
50
0--4
4A
A--R
R
50.0
50.11
1.88
2.05
0.104
11.8
200.4
0.94
1.03
0.418
23.6
C
CT
TX
X6
68
8--4
4A
A--R
R
68.0
68.21
1.61
1.70
0.153
13.7
272.8
0.80
0.85
0.612
27.5
C
CT
TX
X1
10
00
0--4
4A
A--R
R
100.0
100.57
1.32
1.37
0.235
16.7
402.3
0.66
0.69
0.939
33.4
C
CT
TX
X1
15
50
0--4
4A
A--R
R
150.0
153.5
1.07
1.10
0.365
20.6
613.9
0.54
0.55
1.462
41.2
C
CT
TX
X2
20
00
0--4
4A
A--R
R
200.0
200.4
0.94
0.92
0.521
23.6
801.8
0.47
0.46
2.085
47.1
C
CT
TX
X3
30
00
0--4
4A
A--R
R
300.0
302.8
0.76
0.75
0.787
29.0
1211
0.38
0.37
3.148
57.9
1) Open Circuit Inductance Test Parameters: 100kHz, 0.250 Vrms, 0.0 Adc
Parallel: (1,4 - 3,2) Series: (1 - 3) tie (2 - 4)
2) Peak current for approximately 30% roll-off
3) RMS current, delta temp. of 40° C ambient temperature of 85° C
4) DCR @ 20°C
5) Hipot rating: winding to winding: 300Vdc min.
6) Turns Ratio: (1-2):(4-3) 1:1
7) Applied volt-time product (v-us) across the inductor. This value represents the
applied V-us at 300KHz necessary to generate a core loss equal to 10% of the
total losses for a 40°C temperature rise.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com