Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTX15-2-R Datasheet(PDF) 7 Page - Cooper Bussmann, Inc.

Part # CTX15-2-R
Description  Power Inductors and Transformers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CTX15-2-R Datasheet(HTML) 7 Page - Cooper Bussmann, Inc.

  CTX15-2-R Datasheet HTML 1Page - Cooper Bussmann, Inc. CTX15-2-R Datasheet HTML 2Page - Cooper Bussmann, Inc. CTX15-2-R Datasheet HTML 3Page - Cooper Bussmann, Inc. CTX15-2-R Datasheet HTML 4Page - Cooper Bussmann, Inc. CTX15-2-R Datasheet HTML 5Page - Cooper Bussmann, Inc. CTX15-2-R Datasheet HTML 6Page - Cooper Bussmann, Inc. CTX15-2-R Datasheet HTML 7Page - Cooper Bussmann, Inc. CTX15-2-R Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ECONO-PAC™/OCTA-PAC®
OCTA-PAC® PLUS
Power Inductors and Transformers
CTX 2, 2P, 2A Series
CTX 3, 3P, 3A Series
CTX 4, 4P, 4A Series
Packaging Information
CTX 1, 1P, 1A Series
Dimensions are in millimeters.
Direction of Feed
©
Direction of Feed
©
Direction of Feed
©
Direction of Feed
©
Parts packaged on 13" Diameter reel,
1,100 parts per reel.
Parts packaged on 13" Diameter reel,
800 parts per reel.
Parts packaged on 13" Diameter reel,
800 parts per reel.
Parts packaged on 13" Diameter reel,
600 parts per reel.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com