Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJS6005WDPK Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJS6005WDPK
Description  600V - 30A - Diode SiC Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJS6005WDPK Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJS6005WDPK Datasheet HTML 1Page - Renesas Technology Corp RJS6005WDPK Datasheet HTML 2Page - Renesas Technology Corp RJS6005WDPK Datasheet HTML 3Page - Renesas Technology Corp RJS6005WDPK Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
R07DS0901EJ0201Rev.2.01
Page 1 of 3
Jan 31, 2014
Preliminary Datasheet
RJS6005WDPK
600V - 30A - Diode
SiC Schottky Barrier Diode
Features
• New semiconductor material: Silicon Carbide Diode
• No reverse recovery / No forward recovery
Outline
1. Anode
2. Cathode
3. Anode
4. Cathode
1
2, 4
3
RENESAS Package code: PRSS0004ZE-A
(Package name: TO-3P)
1
2
3
4
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Maximum reverse voltage
VRM
600
V
Continuous forward current
IF
Note1
15/30
A
Peak surge forward current
IFSM
Note1
90/180
A
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. Per leg/device
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Forward voltage
VF
Note2
⎯
1.5
1.8
V
IF = 15 A
Reverse current
IR
Note1
⎯
⎯
10/20
μA
VR = 600 V
Reverse recovery time
trr
Note2
⎯
15
⎯
ns
IF = 15 A, di/dt = –300A/
μs
Notes: 1. Per leg/device
2. Per leg
R07DS0901EJ0201
Rev.2.01
Jan 31, 2014


Similar Part No. - RJS6005WDPK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJS6005WDPK RENESAS-RJS6005WDPK Datasheet
68Kb / 4P
SiC Schottky Barrier Diode
RJS6005WDPK RENESAS-RJS6005WDPK_15 Datasheet
68Kb / 4P
600V - 30A - Diode SiC Schottky Barrier Diode
More results

Similar Description - RJS6005WDPK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJS6004WDPK RENESAS-RJS6004WDPK Datasheet
65Kb / 4P
600V - 20A - Diode SiC Schottky Barrier Diode
RJS6004TDPP-EJ RENESAS-RJS6004TDPP-EJ_15 Datasheet
80Kb / 4P
600V - 10A - Diode SiC Schottky Barrier Diode
RJS6004WDPK RENESAS-RJS6004WDPK_15 Datasheet
70Kb / 4P
600V - 20A - Diode SiC Schottky Barrier Diode
RJS6005TDPP-EJ RENESAS-RJS6005TDPP-EJ_15 Datasheet
68Kb / 4P
600V - 15A - Diode SiC Schottky Barrier Diode
RJS6005WDPK RENESAS-RJS6005WDPK_15 Datasheet
68Kb / 4P
600V - 30A - Diode SiC Schottky Barrier Diode
logo
UnitedSiC.
UJ2D1230K UNITEDSIC-UJ2D1230K Datasheet
517Kb / 4P
30A - 1200V SiC Schottky Diode
Rev. B, October 2016
UJ3D06530TS UNITEDSIC-UJ3D06530TS Datasheet
984Kb / 5P
30A - 650V SiC Schottky Diode
Rev. B, January 2018
logo
Renesas Technology Corp
RJS6004TDPP-EJ RENESAS-RJS6004TDPP-EJ Datasheet
169Kb / 4P
600V - 10A - Diode SiC Schottky Barrier Diode
Jan 23, 2014
RJS6005TDPP-EJ RENESAS-RJS6005TDPP-EJ Datasheet
170Kb / 4P
600V - 15A - Diode SiC Schottky Barrier Diode
Jan 23, 2014
logo
Silicon Supplies
SIS650S30AS SS-SIS650S30AS Datasheet
1Mb / 3P
650V 30A SiC Schottky Diode
Rev 1.0 30/10/23
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com