Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJS6005WDPK Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJS6005WDPK
Description  600V - 30A - Diode SiC Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJS6005WDPK Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJS6005WDPK Datasheet HTML 1Page - Renesas Technology Corp RJS6005WDPK Datasheet HTML 2Page - Renesas Technology Corp RJS6005WDPK Datasheet HTML 3Page - Renesas Technology Corp RJS6005WDPK Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RJS6005WDPK
Preliminary
R07DS0901EJ0201Rev.2.01
Page 3 of 3
Jan 31, 2014
Package Dimensions
φ3.2 ± 0.2
4.8 ± 0.2
1.5
2.8
0.6 ± 0.2
1.0 ± 0.2
15.6 ± 0.3
1.6
1.4 Max
2.0
3.6
0.9
1.0
5.45 ± 0.5
5.45 ± 0.5
Previous Code
PRSS0004ZE-A
TO-3P / TO-3PV
MASS[Typ.]
5.0g
Package Name
TO-3P
SC-65
RENESAS Code
JEITA Package Code
Unit: mm
Ordering Information
Orderable Part Number
Quantity
Shipping Container
RJS6005WDPK-00#T0
360 pcs
Box (Tube)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com