Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM336 Datasheet(PDF) 1 Page - Analog Devices

Part # AM336
Description  IC FOR OPTO DETECTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AM336 Datasheet(HTML) 1 Page - Analog Devices

  AM336 Datasheet HTML 1Page - Analog Devices AM336 Datasheet HTML 2Page - Analog Devices AM336 Datasheet HTML 3Page - Analog Devices AM336 Datasheet HTML 4Page - Analog Devices AM336 Datasheet HTML 5Page - Analog Devices AM336 Datasheet HTML 6Page - Analog Devices AM336 Datasheet HTML 7Page - Analog Devices AM336 Datasheet HTML 8Page - Analog Devices AM336 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
IC FOR OPTO DETECTOR
AM 336
analog microelectronics
February 2005
Analog Microelectronics GmbH
Phone: +49 (0)6131/91 073 – 0
1/12
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 1.1
Internet: www.analogmicro.de
Email:
info@analogmicro.de
FEATURES
• 2 Operation Modes (Proximity and
Barrier)
• External Synchronisation in the
Barrier Mode
• Ambient Light Rejection
• Adjustable Threshold and Hysteresis
• Normally Open and Normally Closed
Outputs
• Driver for PNP Output Transistors
with Short Circuit Protection
• LED Output 8 mA (Source and Sink)
• Adjustable Detection Distance and
Hysteresis
• Dirt Indication in the Barrier Mode
• Internal Zener Diode for Voltage
Stabilisation (optional)
• Maximum Supply Voltage only
Depending on External Elements
GENERAL DESCRIPTION
The AM 336 is a bipolar monolithic integrated
circuit designed for optical detection applica-
tions.
By adding an external photodiode, an IR LED,
two PNP power transistors and a minimum of
other parts, the AM 336 will be a complete
optoelectronic
interface
(proximity
and
barrier) for a reflective optical proximity
switch or for a light barrier with external
synchronisation.
APPLICATIONS
• Miniaturised One Way Light Barrier
• Miniaturised Reflection Light Barrier
• Frame Light Barrier
BLOCK DIAGRAM
Figure 1: Block diagram of AM336
IRD
VCC
VZ
CSC
RS
QC
QO
LED
RD
RH
GND
INA
ALR
OUTA
IND
P/B
FO
oscillator
T
SYNC
amplifier
signal
detection
:128
T1
T2
short circuit
pulse regulation
current regulation
output
driver
T1
T2 SC
B
A
LED driver
A
B
SC
LED
XX
L
T1
LL
H
HH
H
H
H
L
T2
H
L
zener diode
X
X
:4


Similar Part No. - AM336

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AM336 AME-AM336 Datasheet
274Kb / 12P
IC FOR OPTO DETECTOR
AM336-1 AME-AM336-1 Datasheet
274Kb / 12P
IC FOR OPTO DETECTOR
AM336-2 AME-AM336-2 Datasheet
274Kb / 12P
IC FOR OPTO DETECTOR
More results

Similar Description - AM336

ManufacturerPart #DatasheetDescription
logo
Rohm
BA336 ROHM-BA336 Datasheet
107Kb / 7P
Mute detector IC
BA3703F ROHM-BA3703F Datasheet
71Kb / 4P
Mute detector IC
BA3708F ROHM-BA3708F Datasheet
155Kb / 8P
Mute detector IC for 3V sets
logo
List of Unclassifed Man...
BD5223 ETC-BD5223 Datasheet
375Kb / 4P
VOLTAGE DETECTOR IC
logo
Rohm
BD46312G ROHM-BD46312G Datasheet
469Kb / 4P
VOLTAGE DETECTOR IC
BD48XXFVE ROHM-BD48XXFVE Datasheet
285Kb / 6P
Voltage Detector IC
BD48XXG ROHM-BD48XXG Datasheet
198Kb / 6P
Voltage Detector IC
logo
Toshiba Semiconductor
TA31136FG TOSHIBA-TA31136FG Datasheet
668Kb / 17P
FM DETECTOR IC FOR CORDLESS TELEPHONE
logo
Analog Microelectronics
AM336 AME-AM336 Datasheet
274Kb / 12P
IC FOR OPTO DETECTOR
AM313 AME-AM313 Datasheet
184Kb / 4P
IC FOR PROXIMITY DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com