Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM336 Datasheet(PDF) 3 Page - Analog Devices

Part # AM336
Description  IC FOR OPTO DETECTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AM336 Datasheet(HTML) 3 Page - Analog Devices

  AM336 Datasheet HTML 1Page - Analog Devices AM336 Datasheet HTML 2Page - Analog Devices AM336 Datasheet HTML 3Page - Analog Devices AM336 Datasheet HTML 4Page - Analog Devices AM336 Datasheet HTML 5Page - Analog Devices AM336 Datasheet HTML 6Page - Analog Devices AM336 Datasheet HTML 7Page - Analog Devices AM336 Datasheet HTML 8Page - Analog Devices AM336 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IC FOR OPTO DETECTOR
AM 336
analog microelectronics
February 2005
3/12
Parameter
Symbol
Conditions
Min.
Typ. Max.
Unit
Output stages
Output current (on)
IQ on
UQ = VCC–1.5V
1.2
mA
Output current (off)
IQ off
UQ = VCC–1.5V
–0.7
mA
Current limitation threshold
VS
internal
440
mV
LED driver
(Ro=580k, Co ≈ 4.7nF)
LED current (low)
ILED low
at VLED = 0.8V
8.0
mA
LED current (high)
ILED high
at VLED = VCC–1.8V
–8.0
mA
Short circuit frequency
T1
fOP / 128
fSYNC / 128, fSYNC = 768Hz
7.4
6.0
Hz
Hz
IND window frequency
T2
fOP / 512
1.8
Hz
Zener diode
Zener voltage
VZ
IZ=100µA
6.7
6.9
7.1
V
Tabelle 1: Electrical Specifications
BOUNDARY CONDITIONS
Parameter
Symbol
Min.
Max.
Unit
Oscillator pull up
RTD
0.7
10
k
Ω
Amplifier DC input current
IINA
0
200
µA
Distance resistor
RD
30
200
k
Ω
Hysteresis resistor
RH
22
k
Ω
Tabelle 2: Boundary Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com