Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM401 Datasheet(PDF) 13 Page - Analog Devices

Part # AM401
Description  INDUSTRIAL VOLTAGE AMPLIFIER IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AM401 Datasheet(HTML) 13 Page - Analog Devices

Back Button AM401 Datasheet HTML 9Page - Analog Devices AM401 Datasheet HTML 10Page - Analog Devices AM401 Datasheet HTML 11Page - Analog Devices AM401 Datasheet HTML 12Page - Analog Devices AM401 Datasheet HTML 13Page - Analog Devices AM401 Datasheet HTML 14Page - Analog Devices AM401 Datasheet HTML 15Page - Analog Devices AM401 Datasheet HTML 16Page - Analog Devices AM401 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
INDUSTRIAL VOLTAGE AMPLIFIER IC
AM401
analog microelectronics
Mars 2006
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
13/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.3
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
Example 3:
Input voltage (differential) of 0...100mV and output voltage range of 0...5V
If VIN = 0...100mV, R1/R2 = 9, IS = 1.5mA VBG = 1.27V and IREF = 1mA the values of the external
components are as follows:
R1 ≈ 90kΩ
R2 ≈ 10kΩ
GIA = 5
C1 = 2.2µF
C2 = 10nF
RSET ≈ 846.7Ω
RREF ≈ 5kΩ
Application 3 – Differential input signal, voltage output signal of 0.5...4.5V
With applications which require an output voltage of 0.5...4.5V the pin used to configure the
instrumentation amplifier offset (ZA) is connected to voltage VOFFSET (Figure 5). Gain G is set using
the two external resistors R1 and R2:
()
2
1
1
R
R
G
G
G
G
IA
OP
IA
+
=
=
(2)
The transfer function of output voltage VOUT is:
VOUT = G VIN + VOFFSET
(1)
The offset voltage (Equation 3) is calculated as:
()
VV
R
R
VV
R
R
VV
VV
OFFSET
BG
REF
BG
REF
BG
BG
OFFSET
=−
−
⇒
=
−
−
4
3
3
4
Using these equations the values of resistors
R1 and R2 can be set as follows:
R
R
VV
GV
OUT
OFFSET
IA
IN
1
2
1
=
−
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com