Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM401 Datasheet(PDF) 3 Page - Analog Devices

Part # AM401
Description  INDUSTRIAL VOLTAGE AMPLIFIER IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AM401 Datasheet(HTML) 3 Page - Analog Devices

  AM401 Datasheet HTML 1Page - Analog Devices AM401 Datasheet HTML 2Page - Analog Devices AM401 Datasheet HTML 3Page - Analog Devices AM401 Datasheet HTML 4Page - Analog Devices AM401 Datasheet HTML 5Page - Analog Devices AM401 Datasheet HTML 6Page - Analog Devices AM401 Datasheet HTML 7Page - Analog Devices AM401 Datasheet HTML 8Page - Analog Devices AM401 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
INDUSTRIAL VOLTAGE AMPLIFIER IC
AM401
analog microelectronics
March 2006
Analog Microelectronics GmbH
Telefon: +49 (0)6131/91 073 – 0
3/21
An der Fahrt 13, D – 55124 Mainz
Telefax: +49 (0)6131/91 073 – 30
Rev. 2.3
Internet: http://www.analogmicro.de
E–Mail: info@analogmicro.de
FEATURES
• Supply voltage range: 6...35V
• Wide operating temperature range:
–40°C...+85°C
• Adjustable voltage reference:
5 to 10V
• Additional current/voltage source
• Instrumentation amplifier input
CMVI: 1.5...Vcc-3V
• Operational amplifier input
Vin: 0...Vcc-5V
• Adjustable gain and offset
• Adjustable output voltage range:
0...Vcc-5V, e.g. 0.5...4.5V, 0...5/10V
• Individually configurable function
modules
• Protection against reverse polarity
• Output current limitation
• Short-circuit protection
• Protection against ESD
• RoHS compliant
GENERAL DESCRIPTION
AM401 and AM401P [2] are universal voltage
transmitters designed for differential bridge signal
conditioning. The two devices differ in their offset
and offset drift values. The ICs are modular and
their functional units individually accessible. Both
ICs consist of a high-precision instrumentation
amplifier for differential input signals and an
operational amplifier for input signals referenced
to ground. A robust reference voltage source
(adjustable between 5 and 10V) can be used to
power external components. An operational
amplifier stage whose gain is also adjustable acts
as an output. The devices also contain an
additional operational amplifier which can be used
as a current or voltage source. The IC is protected
against reverse polarity and has an integrated
output current limit. Standard industrial voltages
(e.g. 0–5/10V, 0.5–4.5V) can be easily generated
using transmitter ICs AM401 and AM401P.
BLOCK DIAGRAM
1
2
3
4
14
13
5
6
11
15
12
V
BG
CVREF
CVSET
IN+
IN_
GND
ZA OUTIA INOP
7
8
GAIN
VOUT
VCC
VREF
VSET
Voltage Reference
AM401
+
_
OP2
+
_OP1
+
_ IA
Figure 1: Block diagram of AM401 (individually configurable function)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com