Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT01 Datasheet(PDF) 10 Page - Analog Devices

Part # MAT01
Description  Matched Monolithic Dual Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT01 Datasheet(HTML) 10 Page - Analog Devices

Back Button MAT01 Datasheet HTML 4Page - Analog Devices MAT01 Datasheet HTML 5Page - Analog Devices MAT01 Datasheet HTML 6Page - Analog Devices MAT01 Datasheet HTML 7Page - Analog Devices MAT01 Datasheet HTML 8Page - Analog Devices MAT01 Datasheet HTML 9Page - Analog Devices MAT01 Datasheet HTML 10Page - Analog Devices MAT01 Datasheet HTML 11Page - Analog Devices MAT01 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MAT01
Data Sheet
Rev. C | Page 10 of 12
TYPICAL APPLICATIONS
Figure 13. Precision Reference
Figure 14. Basic Digital Thermometer Readout in Degrees Kelvin (K)
Figure 15. Digital Thermometer with Readout in °C
R1
1.5kΩ
1mA
VREF
VREF ≈ 7.0V
TCVREF ≈ 100ppm/°C
RO ≈ 40Ω
NOTES
1. R1 MAY BE ADJUSTED TO MINIMIZE TCVREF.
INCREASING R1 CAUSES A POSITIVE CHANGE IN TCVREF.
2.
hFE OF Q1 IS REDUCED BY OPERATION OF BREAKDOWN MODE.
Q1
Q2
SENSING PAIR
MAT01H
°C
K
EO
–55°C = 218K = 2.18V
+25°C = 298K = 2.98V
+125°C = 398K = 3.98V
DIFFERENTIAL
AMPLIFIER AND
CURRENT SOURCES
EO = 10mV/K
3-DIGIT DPM
0V TO +10V
FULL SCALE
UP TO
100 FEET
CABLE
+15V
–15V
SENSING PAIR
MAT01H
–55°C = –0.55V
+25°C = +0.25V
+125°C = +1.25V
DIFFERENTIAL
AMPLIFIER AND
CURRENT SOURCES
EO = 10mV/K
METER DISPLAYS
EO –2.73V
HIGH 2 1/2 DIGIT
DPM BIPOLAR
DIFFERENTIAL
INPUTS
LOW
UP TO
100FT.
CABLE
+15V
–15V
2.73V
POWER SUPPLY
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com