Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT01 Datasheet (PDF) - Analog Devices

MAT01 Datasheet PDF - Analog Devices
Part # MAT01
Download  MAT01 Download
File Size   261.46 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Matched Monolithic Dual Transistor

MAT01 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAT01 Datasheet PDF - Analog Devices

Part # MAT01
Download  MAT01 Click to download

File Size   261.46 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Matched Monolithic Dual Transistor

MAT01 Datasheet (HTML) - Analog Devices


MAT01 Product details

GENERAL DESCRIPTION

The MAT01 is a monolithic dual NPN transistor. An exclusive silicon nitride triple passivation process provides excellent stability of critical parameters over both temperature and time. Matching characteristics include offset voltage of 40 µV, temperature drift of 0.15 µV/°C, and hFE matching of 0.7%. High hFE is provided over a six decade range of collector current, including an exceptional hFE of 590 at a collector current of only 10 nA. The high gain at low collector current makes the MAT01 ideal for use in low power, low level input stages.



FEATURES

  Low VOS (VBE match): 40 µV typical, 100 µV maximum

  Low TCVOS: 0.5 µV/°C maximum

  High hFE: 500 minimum

  Excellent hFE linearity from 10 nA to 10 mA

  Low noise voltage: 0.23 µV p-p from 0.1 Hz to 10 Hz

  High breakdown: 45 V min



APPLICATIONS

  Weigh scales

  Low noise, op amp, front end

  Current mirror and current sink/source

  Low noise instrumentation amplifiers

  Voltage controlled attenuators

  Log amplifiers



 




Similar Part No. - MAT01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT01 AD-MAT01 Datasheet
119Kb / 8P
Matched Monolithic Dual Transistor
REV.A
MAT01 AD-MAT01 Datasheet
235Kb / 12P
Matched Monolithic Dual Transistor
Rev. D
MAT01AH AD-MAT01AH Datasheet
119Kb / 8P
Matched Monolithic Dual Transistor
REV.A
MAT01AH AD-MAT01AH Datasheet
235Kb / 12P
Matched Monolithic Dual Transistor
Rev. D
MAT01AHZ AD-MAT01AHZ Datasheet
235Kb / 12P
Matched Monolithic Dual Transistor
Rev. D
More results


Similar Description - MAT01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT-04 AD-MAT-04 Datasheet
492Kb / 12P
Matched Monolithic Quad Transistor
MAT01 AD-MAT01 Datasheet
119Kb / 8P
Matched Monolithic Dual Transistor
REV.A
MAT02 AD-MAT02 Datasheet
264Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV.C
MAT04 AD-MAT04 Datasheet
860Kb / 12P
Matched Monolithic Quad Transistor
MAT12 AD-MAT12 Datasheet
104Kb / 4P
Low Noise, Matched Dual Monolithic Transistor
Rev. PrA
MAT14 AD-MAT14 Datasheet
190Kb / 12P
Matched Monolithic Quad Transistor
REV. A
MAT01 AD-MAT01_15 Datasheet
235Kb / 12P
Matched Monolithic Dual Transistor
Rev. D
MAT02 AD-MAT02_15 Datasheet
775Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV. E
MAT04 AD-MAT04_15 Datasheet
854Kb / 12P
Matched Monolithic Quad Transistor
REV. D
MAT02 AD-MAT02_17 Datasheet
274Kb / 6P
Low-noise, matched dual monolithic transistor
29-Nov-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com