Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1P3800AG12CRTWG Datasheet(PDF) 6 Page - ON Semiconductor

Part # P1P3800AG12CRTWG
Description  Phase Synchronizing Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P1P3800AG12CRTWG Datasheet(HTML) 6 Page - ON Semiconductor

  P1P3800AG12CRTWG Datasheet HTML 1Page - ON Semiconductor P1P3800AG12CRTWG Datasheet HTML 2Page - ON Semiconductor P1P3800AG12CRTWG Datasheet HTML 3Page - ON Semiconductor P1P3800AG12CRTWG Datasheet HTML 4Page - ON Semiconductor P1P3800AG12CRTWG Datasheet HTML 5Page - ON Semiconductor P1P3800AG12CRTWG Datasheet HTML 6Page - ON Semiconductor P1P3800AG12CRTWG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
P1P3800A
http://onsemi.com
6
Table 6. AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
CLKIN
Input Clock Frequency
120
240
Hz
CLKOUT
Output Clock Frequency
60
120
Hz
tLH, tHL
Output Rise / Fall time (Measured from 20% to 80%) (Notes 1, 2)
10
ms
tLH, tHL
Input Rise / Fall time (Measured from 20% to 80%)
50
ms
tDOUT
Output Duty Cycle (Measured at VDD/2) (Notes 1, 2)
49
50
51
%
tDIN
Input Duty Cycle
49
50
51
%
tsu
Set up time for control signals, S[1:4], PD# to input clock rising edge (Note 1)
60
ms
th
Hold up time for control signals, S[1:4], PD# to input clock rising edge
(Note 1)
60
ms
tskew
Output−Output Clock Skew (Note 1)
10
ms
2. All parameters are specified with 15 pF loaded output.
Typical IDD Vs PD# Input Voltage Plot
ORDERING INFORMATION
Part Number
Package
Shipping†
P1P3800AG12CRTWG
12 pin (3 mm x 3 mm) WQFN
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com