Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1P3800AG12CRTWG Datasheet(PDF) 1 Page - ON Semiconductor

Part # P1P3800AG12CRTWG
Description  Phase Synchronizing Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P1P3800AG12CRTWG Datasheet(HTML) 1 Page - ON Semiconductor

  P1P3800AG12CRTWG Datasheet HTML 1Page - ON Semiconductor P1P3800AG12CRTWG Datasheet HTML 2Page - ON Semiconductor P1P3800AG12CRTWG Datasheet HTML 3Page - ON Semiconductor P1P3800AG12CRTWG Datasheet HTML 4Page - ON Semiconductor P1P3800AG12CRTWG Datasheet HTML 5Page - ON Semiconductor P1P3800AG12CRTWG Datasheet HTML 6Page - ON Semiconductor P1P3800AG12CRTWG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2012
January, 2012 − Rev. 1
1
Publication Order Number:
P1P3800A/D
P1P3800A
Phase Synchronizing Clock
Generator
Product Description
P1P3800A is a Phase Synchronizing clock generator that generates
four outputs from an input clock. Output frequency will be a divide by
two of the input clock. The phase of the output clocks is selectable
through four select signals S1, S2, S3 and S4. Refer to Output Clock
Selection Table. The outputs will go ‘low’ when all the select signals
are ‘low’. The transition to a new state of the output will be ‘glitch
free’ when the select inputs change state. A Power Down signal
enables the device to be driven to a power save mode, when active.
The device works over a supply voltage range of 3.8 V − 5.5 V. The
device is available in a 12−Lead 3mmx3mm WQFN package and
operates over -40
°C to +85°C.
Features
• Input Clock Frequency:
120 Hz − 240 Hz (External Reference Clock)
• Output Clock Frequency:
60 Hz − 120 Hz
• 4 Clock Outputs
• 4 Two Level Controls to Select Sets of Clock Outputs
• Output Buffer Drive Strength: 8 mA
• Supply Voltage: 3.8 V − 5.5 V
• Power Down for Power Save
• 12−Lead 3mmx3mm WQFN Package
• Operating Temperature Range: -40°C to +85°C
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Application
• P1P3800A can be used in applications where Phase Synchronization
is needed.
VDD
GND
CLKIN
Digital Logic
& Divider
S [1:4]
PD#
CLKOUT [1:4]
Figure 1. Block Diagram
WQFN12
CASE 510AH
MARKING
DIAGRAM
http://onsemi.com
PD#
CLKOUT4
CLKOUT3
S1
CLKIN
S2
PIN CONFIGURATION
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
P1P
3800A
ALYWG
G
12
11
10
9
56
7
4
8
3
1
2
1
(Note: Microdot may be in either location)
P1P3800A
(Top−View)


Similar Part No. - P1P3800AG12CRTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P1P3800AG12CRTWG ONSEMI-P1P3800AG12CRTWG Datasheet
174Kb / 7P
Phase Synchronizing Clock Generator
January, 2012 ??Rev. 1
P1P3800AG12CRTWG ONSEMI-P1P3800AG12CRTWG Datasheet
174Kb / 7P
Phase Synchronizing Clock Generator
January, 2012 ??Rev. 1
More results

Similar Description - P1P3800AG12CRTWG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN676011NPS PANASONIC-MN676011NPS Datasheet
51Kb / 8P
NTSC Color Camera Synchronizing Signal Generator LSI
logo
Sony Corporation
CXD1217M SONY-CXD1217M Datasheet
154Kb / 12P
Synchronizing Signal Generator for Video Camera
CXD1217Q SONY-CXD1217Q Datasheet
192Kb / 12P
Synchronizing Signal Generator for Video Camera
logo
Texas Instruments
SN74LS424 TI-SN74LS424 Datasheet
370Kb / 7P
TWO-PHASE CLOCK GENERATOR/DRIVER
logo
AMI SEMICONDUCTOR
FS7140-01 AMI-FS7140-01 Datasheet
981Kb / 15P
Programmable Phase-Locked Loop Clock Generator
logo
Arizona Microtek, Inc
AZ12000 AZM-AZ12000 Datasheet
188Kb / 13P
Phase-Locked Loop Clock Generator
logo
ON Semiconductor
FS714X ONSEMI-FS714X Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
P1P3800AG12CRTWG ONSEMI-P1P3800AG12CRTWG Datasheet
174Kb / 7P
Phase Synchronizing Clock Generator
January, 2012 ??Rev. 1
P1P3800A ONSEMI-P1P3800A Datasheet
174Kb / 7P
Phase Synchronizing Clock Generator
January, 2012 ??Rev. 1
FS7140 ONSEMI-FS7140 Datasheet
300Kb / 17P
Programmable Phase-Locked Loop Clock Generator
October, 2011 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com