Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD976AN Datasheet(PDF) 4 Page - Analog Devices

Part # AD976AN
Description  16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD976AN Datasheet(HTML) 4 Page - Analog Devices

  AD976AN Datasheet HTML 1Page - Analog Devices AD976AN Datasheet HTML 2Page - Analog Devices AD976AN Datasheet HTML 3Page - Analog Devices AD976AN Datasheet HTML 4Page - Analog Devices AD976AN Datasheet HTML 5Page - Analog Devices AD976AN Datasheet HTML 6Page - Analog Devices AD976AN Datasheet HTML 7Page - Analog Devices AD976AN Datasheet HTML 8Page - Analog Devices AD976AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD976/AD976A
–4–
REV. C
All Grades
Parameter
Conditions
Min
Typ
Max
Units
DIGITAL OUTPUTS
Data Format
Parallel 16 Bits
Data Coding
Binary Twos Complement
VOL
ISINK = 1.6 mA
+0.4
V
VOH
ISOURCE = 500 µA+4
V
Leakage Current
High-Z State,
±5
µA
VOUT = 0 V to VDIG
Output Capacitance
High-Z State
15
pF
DIGITAL TIMING
Bus Access Time
83
ns
Bus Relinquish Time
83
ns
POWER SUPPLIES
Specified Performance
VDIG
4.75
5
5.25
V
VANA
4.75
5
5.25
V
IDIG
3.0
mA
IANA
11
mA
Power Dissipation
100
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
°C
Specifications subject to change without notice.
TIMING SPECIFICATIONS (AD976A: F
S = 200 kHz; AD976: FS = 100 kHz; –40 C to +85 C, VDIG = VANA = +5 V unless otherwise noted)
Symbol
Min
Typ
Max
Units
Convert Pulsewidth
t1
50
ns
Data Valid Delay after R/C Low (AD976A/AD976)
t2
4.0/8.0
µs
BUSY Delay from R/C Low
t3
83
ns
BUSY Low (AD976A/AD976)
t4
4.0/8.0
µs
BUSY Delay after End of Conversion (AD976A/AD976)
t5
180/360
ns
Aperture Delay
t6
40
ns
Conversion Time (AD976A/AD976)
t7
3.8/7.6
4.0/8.0
µs
Acquisition Time
t8
1.0/2.0
µs
Bus Relinquish Time
t9
10
35
83
ns
BUSY Delay after Data Valid (AD976A/AD976)
t10
50
180/360
ns
Previous Data Valid after R/C Low (AD976A/AD976)
t11
3.7/7.4
µs
Throughput Time (AD976A/AD976)
t7 + t8
5/10
µs
R/C to CS Setup Time
t12
10
ns
Time Between Conversions (AD976A/AD976)
t13
5/10
µs
Bus Access and Byte Delay
t14
10
83
ns
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com