Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD976AN Datasheet(PDF) 5 Page - Analog Devices

Part # AD976AN
Description  16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD976AN Datasheet(HTML) 5 Page - Analog Devices

  AD976AN Datasheet HTML 1Page - Analog Devices AD976AN Datasheet HTML 2Page - Analog Devices AD976AN Datasheet HTML 3Page - Analog Devices AD976AN Datasheet HTML 4Page - Analog Devices AD976AN Datasheet HTML 5Page - Analog Devices AD976AN Datasheet HTML 6Page - Analog Devices AD976AN Datasheet HTML 7Page - Analog Devices AD976AN Datasheet HTML 8Page - Analog Devices AD976AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD976/AD976A
–5–
REV. C
ABSOLUTE MAXIMUM RATINGS
1
Analog Inputs
VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ± 25 V
CAP . . . . . . . . . . . . . . . . +VANA + 0.3 V to AGND2 – 0.3 V
REF . . . . . . . . . . . . . . . . . . . . . Indefinite Short to AGND2
Ground Voltage Differences
DGND, AGND1, AGND2 . . . . . . . . . . . . . . . . . . . .
±0.3 V
Supply Voltages
VANA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V
VDIG to VANA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ± 7 V
VDIG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V
Digital Inputs . . . . . . . . . . . . . . . . . . . –0.3 V to VDIG + 0.3 V
Internal Power Dissipation
2
PDIP (N), SOIC (R), SSOP (RS) . . . . . . . . . . . . . 700 mW
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Storage Temperature Range (N, R, RS) . . . –65
°C to +150°C
Lead Temperature Range
(Soldering 10 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air:
28-Lead PDIP:
θ
JA = 74°C/W; θJC = 24°C/W,
28-Lead SOIC:
θ
JA = 72°C/W; θJC = 23°C/W,
28-Lead SSOP:
θ
JA = 109°C/W; θJC = 39°C/W.
ORDERING GUIDE
Temperature
Max
Min
Throughput
Package
Package
Model
Range
INL
S/(N+D)
Rate
Descriptions
Options
AD976AN
–40
°C to +85°C
±3.0 LSB
83 dB
100 kSPS
28-Lead, 300 mil Plastic DIP
N-28B
AD976BN
–40
°C to +85°C
±2.0 LSB
85 dB
100 kSPS
28-Lead, 300 mil Plastic DIP
N-28B
AD976CN
–40
°C to +85°C
83 dB
100 kSPS
28-Lead, 300 mil Plastic DIP
N-28B
AD976AAN
–40
°C to +85°C
±3.0 LSB
83 dB
200 kSPS
28-Lead, 300 mil Plastic DIP
N-28B
AD976ABN
–40
°C to +85°C
±2.0 LSB
85 dB
200 kSPS
28-Lead, 300 mil Plastic DIP
N-28B
AD976ACN
–40
°C to +85°C
83 dB
200 kSPS
28-Lead, 300 mil Plastic DIP
N-28B
AD976AR
–40
°C to +85°C
±3.0 LSB
83 dB
100 kSPS
28-Lead Small Outline Package
R-28
AD976BR
–40
°C to +85°C
±2.0 LSB
85 dB
100 kSPS
28-Lead Small Outline Package
R-28
AD976CR
–40
°C to +85°C
83 dB
100 kSPS
28-Lead Small Outline Package
R-28
AD976AAR
–40
°C to +85°C
±3.0 LSB
83 dB
200 kSPS
28-Lead Small Outline Package
R-28
AD976ABR
–40
°C to +85°C
±2.0 LSB
85 dB
200 kSPS
28-Lead Small Outline Package
R-28
AD976ACR
–40
°C to +85°C
83 dB
200 kSPS
28-Lead Small Outline Package
R-28
AD976ARS
–40
°C to +85°C
±3.0 LSB
83 dB
100 kSPS
28-Lead Shrink Small Outline Package
RS-28
AD976BRS
–40
°C to +85°C
±2.0 LSB
85 dB
100 kSPS
28-Lead Shrink Small Outline Package
RS-28
AD976CRS
–40
°C to +85°C
83 dB
100 kSPS
28-Lead Shrink Small Outline Package
RS-28
AD976AARS
–40
°C to +85°C
±3.0 LSB
83 dB
200 kSPS
28-Lead Shrink Small Outline Package
RS-28
AD976ABRS
–40
°C to +85°C
±2.0 LSB
85 dB
200 kSPS
28-Lead Shrink Small Outline Package
RS-28
AD976ACRS
–40
°C to +85°C
83 dB
200 kSPS
28-Lead Shrink Small Outline Package
RS-28
PIN CONFIGURATION
DIP, SOIC and SSOP Packages
14
13
12
11
10
9
8
2
3
4
7
6
5
1
TOP VIEW
(Not to Scale)
17
16
15
19
18
20
28
27
26
25
24
23
22
21
AD976
AD976A
VIN
CS
BUSY
VANA
VDIG
AGND1
REF
CAP
D0 (LSB)
BYTE
R/
C
AGND2
D15 (MSB)
D14
D13
D12
D11
D3
D2
D1
D10
D9
D8
DGND
D4
D7
D6
D5
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD976/AD976A features proprietary ESD protection circuitry, permanent damage
may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
1.6mA
IOL
TO
OUTPUT
PIN
CL
100pF
500 A
IOH
+2.1V
Figure 1. Load Circuit for Digital Interface Timing
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com