Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1981BJST Datasheet(PDF) 18 Page - Analog Devices

Part # AD1981BJST
Description  AC 97 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981BJST Datasheet(HTML) 18 Page - Analog Devices

Back Button AD1981BJST Datasheet HTML 14Page - Analog Devices AD1981BJST Datasheet HTML 15Page - Analog Devices AD1981BJST Datasheet HTML 16Page - Analog Devices AD1981BJST Datasheet HTML 17Page - Analog Devices AD1981BJST Datasheet HTML 18Page - Analog Devices AD1981BJST Datasheet HTML 19Page - Analog Devices AD1981BJST Datasheet HTML 20Page - Analog Devices AD1981BJST Datasheet HTML 21Page - Analog Devices AD1981BJST Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD1981B
Rev. C | Page 18 of 32
PCM-OUT VOLUME REGISTER
Index 0x18
Reg
No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x18
PCM-Out
Volume
OM
X
X
LOV4
LOV3
LOV2
LOV1
LOV0
RM1
X
X
ROV4
ROV3
ROV2
ROV1
ROV0
0x8808
1 For AC ’97 compatibility, Bit D7 (RM) is available only by setting the MSPLT bit, Register 0x76. The MSPLT bit enables separate mute bits for the left and right channels.
If MSPLT is not set, the RM bit has no effect. All registers are not shown, and bits containing an X are assumed to be reserved. Refer to
for examples.
Table 22
Table 21.
Bit
Mnemonic
Function
ROV [4:0]
Right PCM-Out Volume
Allows setting the PCM right-channel attenuator in 32 volume levels. The LSB represents 1.5 dB, and
the range is +12 dB to −34.5 dB. The default value is 0 dB, mute enabled.
RM
Right-Channel Mute
Once enabled by the MSPLT bit in Register 0x76, this bit mutes the right channel separately from
the OM bit. Otherwise, this bit always reads 0 and has no effect when set to 1.
LOV [4:0]
Left PCM-Out Volume
Allows setting the PCM left-channel attenuator in 32 volume levels. The LSB represents 1.5 dB, and
the range is +12 dB to −34.5 dB. The default value is 0 dB, mute enabled.
OM
PCM-Out Volume Mute
When this bit is set to 1, both the left and right channels are muted unless the MSPLT bit in
Register 0x76 is set to 1, in which case this mute bit affects only the left channel.
Table 22. Volume Settings for Line-In, CD Volume, AUX, and PCM-Out
Control Bits
Reg. 0x76
Line-In (0x10), CD (0x12), AUX (0x16), and PCM-Out (0x18)
Left-Channel Volume D [12:8]
Right-Channel Volume D [4:0]
MSPLT1
D15
Write
Readback
Function
D71
Write
Readback
Function
0
0
0 0000
0 0000
+12 dB Gain
X
0 0000
0 0000
+12 dB Gain
0
0
0 1000
0 1000
0 dB Gain
X
0 1000
0 1000
0 dB Gain
0
0
1 1111
1 1111
+34.5 dB
Gain
X
1 1111
1 1111
−34.5 dB
Gain
0
1
X XXXX
X XXXX
−∞ dB Gain,
Muted
X
X XXXX
X XXXX
−∞ dB Gain,
Muted
1
0
1 1111
1 1111
−34.5 dB
Gain
1
X XXXX
X XXXX
−∞ dB Gain,
Right Only
Muted
1
1
X XXXX
X XXXX
−∞ dB Gain,
Left Only
Muted
0
1 1111
1 1111
−34.5 dB
Gain
1
1
X XXXX
X XXXX
−∞ dB Gain,
Left Muted
1
X XXXX
X XXXX
−∞ dB Gain,
Right Muted
1 For AC ’97 compatibility, Bit D7 (RM) is available only by setting the MSPLT bit, Register 0x76. The MSPLT bit enables separate mute bits for the left and right channels.
If MSPLT is not set, the RM bit has no effect.
X is a wild card and has no effect on the value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com